Electronic Components Datasheet Search
  English  ▼

X  

DSP56721 Datasheet(PDF) 52 Page - NXP Semiconductors

Part # DSP56721
Description  Symphony™ DSP56720/DSP56721 Multi-Core Audio Processors
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

DSP56721 Datasheet(HTML) 52 Page - NXP Semiconductors

Back Button DSP56721 Datasheet HTML 46Page - NXP Semiconductors DSP56721 Datasheet HTML 47Page - NXP Semiconductors DSP56721 Datasheet HTML 48Page - NXP Semiconductors DSP56721 Datasheet HTML 49Page - NXP Semiconductors DSP56721 Datasheet HTML 50Page - NXP Semiconductors DSP56721 Datasheet HTML 51Page - NXP Semiconductors DSP56721 Datasheet HTML 52Page - NXP Semiconductors DSP56721 Datasheet HTML 53Page - NXP Semiconductors DSP56721 Datasheet HTML 54Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 52 / 54 page
background image
Symphony™ DSP56720/DSP56721 Multi-Core Audio Processors, Rev. 5
Freescale Semiconductor
52
Figure 44. 144-Pin Package Outline Drawing (2 of 2)
NOTES
1 All dimensinos are in millimeters
2 Interpret dimensions and tolerances per ASME Y14.5M-1994.
3 Datums B, C and D to be determined at datum plane H.
4 The top ppackage body size may be smaller than the bottom package size by a maximum of 0.1 mm.
5 These dimensions do not include mold protrusions. The maximum allowable protrusion is 0.25 mm per side. These dimensions
are maximum body size dimensions including mold mismatch.
6 This dimension does not include dambar protrusion. Protrusions shall not cause the lead width to exceed 0.35 mm minimum
space between protrusion and an adjacent lead shall be 0.07 mm.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com