Electronic Components Datasheet Search
  English  ▼

X  

DSP56721 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # DSP56721
Description  Symphony™ DSP56720/DSP56721 Multi-Core Audio Processors
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

DSP56721 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button DSP56721 Datasheet HTML 6Page - NXP Semiconductors DSP56721 Datasheet HTML 7Page - NXP Semiconductors DSP56721 Datasheet HTML 8Page - NXP Semiconductors DSP56721 Datasheet HTML 9Page - NXP Semiconductors DSP56721 Datasheet HTML 10Page - NXP Semiconductors DSP56721 Datasheet HTML 11Page - NXP Semiconductors DSP56721 Datasheet HTML 12Page - NXP Semiconductors DSP56721 Datasheet HTML 13Page - NXP Semiconductors DSP56721 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 54 page
background image
Symphony™ DSP56720/DSP56721 Multi-Core Audio Processors, Rev. 5
Freescale Semiconductor
10
PD = 1.1 V × 625 mA
= 0.6875 W
TJ = 70 + (0.6875 × 40)
= 97.5° C
2.3
Power Requirements
To prevent high current conditions due to possible improper sequencing of the power supplies, use an external Schottky diode
as shown in Figure 6, connected between the DSP56720/DSP56721 IO_VDD and Core_VDD power pins.
Figure 6. Prevent High Current Conditions by Using External Schottky Diode
If an external Schottky diode is not used (to prevent a high current condition at power-up), then IO_VDD must be applied ahead
of Core_VDD, as shown in Figure 7.
Figure 7. Prevent High Current Conditions by Applying IO_VDD Before Core_VDD
For correct operation of the internal power-on reset logic, the Core_VDD ramp rate (Tr) to full supply must be less than 10 ms,
as shown in Figure 8.
There are no power down requirement for the digital 1.0 V (CORE) and 3.3 V (IO). For the analog PLL power, the digital (IO)
3.3 V must be power up before the analog 3.3 V power. Similarly, for power down the digital (IO) 3.3 V must be power down
after the analog power 3.3 V. This requirement is for avoiding possible leakage.
Figure 8. Ensure Correct Operation of Power-On Reset with Fast Ramp of Core_VDD
IO_VDD
Core_VDD
External
Schottky
Diode
Core_VDD
IO_VDD
Core_VDD
Tr must be < 10 ms
0 V
1.0 V
Tr



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com