Electronic Components Datasheet Search
  English  ▼

X  

DSP56721 Datasheet(PDF) 48 Page - NXP Semiconductors

Part # DSP56721
Description  Symphony™ DSP56720/DSP56721 Multi-Core Audio Processors
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

DSP56721 Datasheet(HTML) 48 Page - NXP Semiconductors

Back Button DSP56721 Datasheet HTML 44Page - NXP Semiconductors DSP56721 Datasheet HTML 45Page - NXP Semiconductors DSP56721 Datasheet HTML 46Page - NXP Semiconductors DSP56721 Datasheet HTML 47Page - NXP Semiconductors DSP56721 Datasheet HTML 48Page - NXP Semiconductors DSP56721 Datasheet HTML 49Page - NXP Semiconductors DSP56721 Datasheet HTML 50Page - NXP Semiconductors DSP56721 Datasheet HTML 51Page - NXP Semiconductors DSP56721 Datasheet HTML 52Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 54 page
background image
Symphony™ DSP56720/DSP56721 Multi-Core Audio Processors, Rev. 5
Freescale Semiconductor
48
4
Ordering Information
Table 20 provides ordering information for both the DSP56720 and DSP56721.
5
Package Information
For the outline drawings of available device packages, see Table 21 and sections 5.1–5.2.
Table 20. Ordering Information
Device
Device Marking
Ambient Temp.
LQFP Package
DSP56720 Commercial
DSPA56720AG
0
°C–70°C
20 mm
× 20 mm
DSPB56720AG
0
°C–70°C
20 mm
× 20 mm
DSPC56720AG
0
°C–70°C
20 mm
× 20 mm
DSP56720 Automotive
DSPA56720CAG
–40°C–85°C
20 mm
× 20 mm
DSPB56720CAG
–40°C–85°C
20 mm
× 20 mm
DSPC56720CAG
–40°C–85°C
20 mm
× 20 mm
DSP56721 Commercial
DSPA56721AG
0
°C–70°C
20 mm
× 20 mm
DSPB56721AG
0
°C–70°C
20 mm
× 20 mm
DSPC56721AG
0
°C–70°C
20 mm
× 20 mm
DSPA56721AF
0
°C–70°C
14 mm
× 14 mm
DSPB56721AF
0
°C–70°C
14 mm
× 14 mm
DSPC56721AF
0
°C–70°C
14 mm
× 14 mm
DSP56721 Automotive
DSPA56721CAG
–40°C–85°C
20 mm
× 20 mm
DSPB56721CAG
–40°C–85°C
20 mm
× 20 mm
DSPC56721CAG
–40°C–85°C
20 mm
× 20 mm
DSPA56721CAF
–40°C–85°C
14 mm
× 14 mm
DSPB56721CAF
–40°C–85°C
14 mm
× 14 mm
DSPC56721CAF
–40°C–85°C
14 mm
× 14 mm
Table 21. Package Outline Drawings
Device
Package
See
DSP56720
144-pin plastic LQFP
Figure 43 on page 51 and
Figure 44 on page 52
DSP56721
80-pin plastic LQFP
Figure 43 on page 51 and
Figure 42 on page 50
144-pin plastic LQFP
Figure 43 on page 51 and
Figure 44 on page 52



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com