Electronic Components Datasheet Search
  English  ▼

X  

TMP1826 Datasheet(PDF) 34 Page - Texas Instruments

Click here to check the latest version.
Part # TMP1826
Description  TMP1826 1-Wire®, ±0.2°C Accurate Temperature Sensor With 2Kb EEPROM
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP1826 Datasheet(HTML) 34 Page - Texas Instruments

Back Button TMP1826 Datasheet HTML 30Page - Texas Instruments TMP1826 Datasheet HTML 31Page - Texas Instruments TMP1826 Datasheet HTML 32Page - Texas Instruments TMP1826 Datasheet HTML 33Page - Texas Instruments TMP1826 Datasheet HTML 34Page - Texas Instruments TMP1826 Datasheet HTML 35Page - Texas Instruments TMP1826 Datasheet HTML 36Page - Texas Instruments TMP1826 Datasheet HTML 37Page - Texas Instruments TMP1826 Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 72 page
background image
Function = 4Eh (WRITE
SCRATCHPAD-1)?
Yes
No
Host waits for conversion
time. Line held IDLE
Host Sends Function
Function = 44h
(CONVERT TEMP)?
Function = 48h (COPY
SCRATCHPAD-1)?
Function = BEh (READ
SCRATCHPAD-1)?
Host Sends
DEVICE_CONFIG1 Byte
Host Sends SHORT_ADDR
Byte
Host Sends
TEMP_ALERT_LOW MSB
Byte
Host Sends
TEMP_ALERT_LOW LSB
Byte
Host waits for EEPROM
programming time. Line
held IDLE
TMP18xx Sends
Scratchpad Byte starting
at Byte-0 (LSB First)
Host Sent Reset?
Have first 8 bytes
been read?
TMP18xx Sends CRC Byte
Back to Start
Yes
Yes
Yes
Yes
Yes
No
No
No
No
No
Host Sends
TEMP_OFFSET_MSB Byte
TMP18xx Sends CRC Byte
Host Sends
DEVICE_CONFIG2 Byte
Host Sends
TEMP_ALERT_HIGH LSB
Byte
Host Sends
TEMP_ALERT_HIGH MSB
Byte
Host Sends
TEMP_OFFSET_LSB Byte
TMP18xx Sends
Scratchpad Byte starting
at Byte-8 (LSB First)
Host Sent Reset?
Have last 8 bytes
been read?
TMP18xx Sends CRC Byte
Yes
No
No
Yes
Figure 9-22. Function Phase Flowchart for Register Space
9.4.3.3.1 CONVERTTEMP (44h)
The function is issued by the host when the host wants the temperature sensors on the bus to perform a
one-shot temperature conversion.
When the device is bus powered, the host must keep the bus idle for the duration of the active temperature
conversion. The active temperature conversion time is dependent on the conversion mode. After temperature
conversion has completed, the result is updated in temperature result LSB and temperature result MSB and
status registers.
When automatic temperature conversion mode is enabled in the device configuration-1 register, the command
will be ignored.
9.4.3.3.2 WRITE SCRATCHPAD-1 (4Eh)
The function is issued by the host to write the functional registers for the temperature sensor. Following the
function byte, the host transmits the device configuration registers, short address register, temperature alert
low limit registers, temperature alert high limit registers and temperature offset registers. After sending the 9
bytes, the device shall transmit the CRC computed on the 9 bytes and send the CRC back to the host for quick
verification of data integrity.
TMP1826
SBOSA45C – FEBRUARY 2022 – REVISED MAY 2023
www.ti.com
34
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TMP1826



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com