Electronic Components Datasheet Search
  English  ▼

X  

TMP1826 Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # TMP1826
Description  TMP1826 1-Wire®, ±0.2°C Accurate Temperature Sensor With 2Kb EEPROM
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP1826 Datasheet(HTML) 20 Page - Texas Instruments

Back Button TMP1826 Datasheet HTML 16Page - Texas Instruments TMP1826 Datasheet HTML 17Page - Texas Instruments TMP1826 Datasheet HTML 18Page - Texas Instruments TMP1826 Datasheet HTML 19Page - Texas Instruments TMP1826 Datasheet HTML 20Page - Texas Instruments TMP1826 Datasheet HTML 21Page - Texas Instruments TMP1826 Datasheet HTML 22Page - Texas Instruments TMP1826 Datasheet HTML 23Page - Texas Instruments TMP1826 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 72 page
background image
Table 9-3. Resistor Address Decode (continued)
RESISTOR VALUE (kΩ)
ADDRESS DECODE
33.2
Bh
37.4
Ch
42.2
Dh
47.5
Eh
> 54.9 or floating
Fh
This mode is useful when the application requires placing the TMP1826 on multiple printed circuit boards
(PCBs). The Bill of Materials (BOM) component can be changed easily instead of having multiple PCBs
fabricated for individual pin connections, thereby reducing the cost of the system.
Note
If unused, the ADDR pin is recommended be connected to GND. The CLOAD for ADDR pin is due to
parasitic capacitance depending on the board layout.
9.3.8.4 Combined IO and Resistor Address
In the combined IO and resistor address mode, the IO0 and IO1 pins are used along with the resistor connected
between ADDR pin and ground. Figure 9-7 shows the 8-bit address with the lower 4 bits decoded from the
resistor connected, followed by 2 bits decoded from the IO0 and IO1 pins which may be connected to either
VDD/SDQ for logic '1' or GND for logic '0', which is overlaid on the contents of the short address register. TI
recommends to use a 20 KΩ resistor to be placed between the IO and VDD/SDQ to prevent a supply shot in case
the IO pin is accidentally set to zero in output mode.
After having FLEX_ADDR_MODE as '00b', the host must set the bits as '11b' in the device configuration-2
register which enables the device to sample the ADDR pin to identify the resistor connected, followed by
sampling of the IO0 and IO1 to configure the short address. If the bit field value has already been updated in the
non-volatile storage, then the device shall automatically latch the pins, run the resistor decoder, and update the
value in the short address register on power up.
The host controller must place the device in shut down mode and idle the bus for tRESDET, for the device to
decode the resistor address.
MSb
LSb
Bit-7
Bit-0
RA0
RA1
RA2
RA3
IO0
IO1
NV6
NV7
Figure 9-7. Combined IO and Resistor Address
This mode is useful when the application requires placing up to 64 devices on a single PCB, as it allows for easy
expansion using a combined approach of IO and resistor decoding while enabling IO2 and IO3 to function as
general-purpose input and output pins. This mode may also be used for position identification as no two devices
may have the same short address.
Note
IO pins must be configured as input before using IO hardware address mode. If the IO0 or IO1 pins
are used in output mode, then the respective value shall be latched as '0'.
9.3.9 CRC Generation
The TMP1826 implements a cyclic redundancy check (CRC) mechanism for data integrity check and
communication robustness. Table 9-4 lists the properties of a 8-bit CRC.
Table 9-4. CRC-8 Rule
CRC-8 RULE
ATTRIBUTES
CRC width
8 bits
TMP1826
SBOSA45C – FEBRUARY 2022 – REVISED MAY 2023
www.ti.com
20
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TMP1826



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com