Electronic Components Datasheet Search
  English  ▼

X  

TMP1826 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TMP1826
Description  TMP1826 1-Wire®, ±0.2°C Accurate Temperature Sensor With 2Kb EEPROM
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP1826 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TMP1826 Datasheet HTML 9Page - Texas Instruments TMP1826 Datasheet HTML 10Page - Texas Instruments TMP1826 Datasheet HTML 11Page - Texas Instruments TMP1826 Datasheet HTML 12Page - Texas Instruments TMP1826 Datasheet HTML 13Page - Texas Instruments TMP1826 Datasheet HTML 14Page - Texas Instruments TMP1826 Datasheet HTML 15Page - Texas Instruments TMP1826 Datasheet HTML 16Page - Texas Instruments TMP1826 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 72 page
background image
8.9 Typical Characteristics (continued)
Temperature (
C)
-60
-40
-20
0
20
40
60
80
100
120
140
70
80
90
100
110
120
130
140
1.7 V
3.3 V
5.5 V
.
Figure 8-9. Temperature Conversion Current vs Temperature
Temperature (
C)
-60
-40
-20
0
20
40
60
80
100
120
140
0
1
2
3
4
5
6
7
8
9
10
1.7 V
3.3 V
5.5 V
.
Figure 8-10. Shutdown Current vs Temperature
Temperature (
C)
-60
-40
-20
0
20
40
60
80
100
120
140
0
1
2
3
4
5
6
7
8
9
10
1.7 V
3.3 V
5.5 V
.
Figure 8-11. Standby Current vs Temperature
Normalized Data Distribution (LSB)
0
10%
20%
30%
40%
50%
60%
70%
80%
-5
-4
-3
-2
-1
0
1
2
3
4
5
TA = 25°C
Figure 8-12. Data Distribution With 5.5-ms Conversion Time and
Averaging On in 16-Bit Format
Normalized Data Distribution (LSB)
0
10%
20%
30%
40%
50%
60%
70%
80%
-5
-4
-3
-2
-1
0
1
2
3
4
5
TA = 25°C
Figure 8-13. Data Distribution With 3-ms Conversion Time and
Averaging On in 16-Bit Format
Normalized Data Distribution (LSB)
0
10%
20%
30%
40%
50%
-5
-4
-3
-2
-1
0
1
2
3
4
5
TA = 25°C
Figure 8-14. Data Distribution With 5.5-ms Conversion Time and
Averaging Off in 16-Bit Format
www.ti.com
TMP1826
SBOSA45C – FEBRUARY 2022 – REVISED MAY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: TMP1826



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com