Electronic Components Datasheet Search
  English  ▼

X  

TMP1826 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TMP1826
Description  TMP1826 1-Wire®, ±0.2°C Accurate Temperature Sensor With 2Kb EEPROM
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP1826 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TMP1826 Datasheet HTML 3Page - Texas Instruments TMP1826 Datasheet HTML 4Page - Texas Instruments TMP1826 Datasheet HTML 5Page - Texas Instruments TMP1826 Datasheet HTML 6Page - Texas Instruments TMP1826 Datasheet HTML 7Page - Texas Instruments TMP1826 Datasheet HTML 8Page - Texas Instruments TMP1826 Datasheet HTML 9Page - Texas Instruments TMP1826 Datasheet HTML 10Page - Texas Instruments TMP1826 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 72 page
background image
Over free-air temperature range and VDD = 1.7 V to 5.5 V (unless otherwise noted); Typical specifications are at TA = 25°C
and VDD = 3.3 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TLTD
Long-term stability and drift
1000 hours at 150°C(2)
0.0625
°C
THYST
Temperature cycling and
hysteresis
TSTART = –40°C
TFINISH = 150°C
TTEST = 25°C
3 cycles
4
LSB
tRESP_L
Response time (Stirred
Liquid)
NGR Package
Single layer Flex PCB
τ = 63 %
25°C to 75°C
0.77
s
2-layer 62-mil Rigid
PCB
1.91
s
tACT
Active Conversion time (No
Averaging)
CONV_TIME_SEL = 0
(Figure 9-12)
2.54
3
3.37
ms
CONV_TIME_SEL = 1
4.69
5.5
6.12
ms
tDELAY
Start-up delay for temperature
conversion
100
300
µs
SDQ DIGITAL INPUT/OUTPUT
CIN
SDQ pin capacitance
40
pF
VIL
Input logic low level(3)
–0.3
0.2 × VS
V
VIH
Input logic high level(3)
0.8 × VS
VS + 0.3
V
VHYST
Hysteresis
0.3
V
VOL
Output low level
IOL = –4 mA
0.4
V
IO CHARACTERISTICS
CIN
Input capacitance
10
pF
VIL
Input logic low level(3)
–0.3
0.3 × VS
V
VIH
Input logic high level(3)
0.7 × VS
VS + 0.3
V
IIN
Input leakage current
0
±0.12
µA
VOL
Output low level
IOL = –3 mA
0.4
V
RESISTOR ADDRESS DECODER CHARACTERISTICS
CLOAD
Load capacitance as seen
on ADDR pin (includes PCB
parasitics)
100
pF
RADDR resistor range
6.49
54.9
kΩ
RADDR resistor tolerance
TA = 25°C
–1.0
1.0
%
RADDR resistor temperature
coefficient
–100
100 ppm/°C
RADDR resistor lifetime drift
–0.2
0.2
%
tRESDET
Resistor decoding time
2.8
ms
POWER SUPPLY
IPU
Pullup current(5)
Bus powered mode, serial bus idle
300
μA
IDD_ACTIVE
Supply current during
temperature conversion
Temperature Conversion, serial bus idle
94
154
μA
IDD_SB
Standby current(4)
VDD powered, serial
bus inactive, continuous
conversion mode
TA = -55°C to 85°C
1.6
4.2
μA
TA = -55°C to 150°C
24
IDD_SD
Shutdown current
Serial bus inactive, one
shot conversion mode
TA = -55°C to 85°C
1.3
3.3
μA
TA = -55°C to 150°C
23.2
VPOR
Power-on reset threshold
voltage
Supply rising (Figure 8-4, Figure 8-5)
1.5
V
Brownout detect
Supply falling
1.3
V
www.ti.com
TMP1826
SBOSA45C – FEBRUARY 2022 – REVISED MAY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: TMP1826



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com