Electronic Components Datasheet Search
  English  ▼

X  

TMP1826 Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # TMP1826
Description  TMP1826 1-Wire®, ±0.2°C Accurate Temperature Sensor With 2Kb EEPROM
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP1826 Datasheet(HTML) 39 Page - Texas Instruments

Back Button TMP1826 Datasheet HTML 35Page - Texas Instruments TMP1826 Datasheet HTML 36Page - Texas Instruments TMP1826 Datasheet HTML 37Page - Texas Instruments TMP1826 Datasheet HTML 38Page - Texas Instruments TMP1826 Datasheet HTML 39Page - Texas Instruments TMP1826 Datasheet HTML 40Page - Texas Instruments TMP1826 Datasheet HTML 41Page - Texas Instruments TMP1826 Datasheet HTML 42Page - Texas Instruments TMP1826 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 72 page
background image
Table 9-5. User Memory Protection (continued)
USER MEMORY PROTECTION ADDRESS
COMMENTS
PROTECTION LEVEL
OPERAND
PAGE NUMBER FIELD
80h
05h
User memory page-5 cannot be erased and programmed in any mode.
Public mode read access is allowed.
80h
06h
User memory page-6 cannot be erased and programmed in any mode.
Public mode read access is allowed.
80h
07h
User memory page-7 cannot be erased and programmed in any mode.
Public mode read access is allowed.
The memory protection bits can be programmed only one time. Hence after a page is locked, it cannot be
unlocked. The method to lock a user memory page in public read-only with write protection is described in the
following sequence:
1. Host issues a bus reset, then waits for the response and sends the address command for the specific
device.
2. Host issues a WRITE SCRATCHPAD-2 with the address as 800Nh, where N is the page number, and data
byte as 55h.
3. Host issues a bus reset, then waits for the response and sends the address command for the specific
device.
4. Host issues a READ SCRATCHPAD-2 with the address as 800Nh, where the N is the page number and
reads the data byte to ensure it is 55h.
5. Host issues a bus reset, then waits for the response and sends the address command for the specific
device.
6. Host issues a COPY SCRATCHPAD-2 with the data byte as A5h to commit the protection for the page.
7. Host waits for the programming time before starting any new bus operation.
www.ti.com
TMP1826
SBOSA45C – FEBRUARY 2022 – REVISED MAY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
39
Product Folder Links: TMP1826



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com