Electronic Components Datasheet Search
  English  ▼

X  

TMP1826 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TMP1826
Description  TMP1826 1-Wire®, ±0.2°C Accurate Temperature Sensor With 2Kb EEPROM
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP1826 Datasheet(HTML) 4 Page - Texas Instruments

  TMP1826 Datasheet HTML 1Page - Texas Instruments TMP1826 Datasheet HTML 2Page - Texas Instruments TMP1826 Datasheet HTML 3Page - Texas Instruments TMP1826 Datasheet HTML 4Page - Texas Instruments TMP1826 Datasheet HTML 5Page - Texas Instruments TMP1826 Datasheet HTML 6Page - Texas Instruments TMP1826 Datasheet HTML 7Page - Texas Instruments TMP1826 Datasheet HTML 8Page - Texas Instruments TMP1826 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 72 page
background image
5 Description (cont.)
The 2Kb EEPROM on the TMP1826 allows the host to store application data in increments of 64 bits. With
user programmable 256-bit page size write protection to avoid accidental overwrite, the EEPROM can be used
as non-volatile, read-only memory. The four digital I/O pins are configurable for general purpose functions,
temperature alert, or provide host to identify the position of the device on a shared bus.
6 Device Comparison
Table 6-1. Device Comparison
FEATURE
TMP1826
TMP1827
TMP1827N(1)
Best Accuracy
0.2°C
0.2°C
0.9°C
Temperature Range
–55°C to +150°C
–55°C to +150°C
–55°C to +150°C
Memory Size
2Kb
2Kb
2Kb
Memory Write protection
Yes
Yes
Yes
Authenticated Memory Write
-
Yes
Yes
Authentication type
-
SHA-256-HMAC
SHA-256-HMAC
Bus speeds
Standard and Overdrive
Standard and Overdrive
Standard and Overdrive
Drop in replacement package
NGR (2.5 mm × 2.5 mm, WSON) NGR (2.5 mm × 2.5 mm, WSON) NGR (2.5 mm × 2.5 mm, WSON)
Alternate package
DGK (3.0 mm × 4.9 mm, VSSOP)
-
-
(1)
TMP1827N is an orderable option for the TMP1827. See the orderable addendum at the end of the data sheet.
TMP1826
SBOSA45C – FEBRUARY 2022 – REVISED MAY 2023
www.ti.com
4
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TMP1826



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com