Electronic Components Datasheet Search
  English  ▼

X  

TMP1826 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TMP1826
Description  TMP1826 1-Wire®, ±0.2°C Accurate Temperature Sensor With 2Kb EEPROM
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP1826 Datasheet(HTML) 3 Page - Texas Instruments

  TMP1826 Datasheet HTML 1Page - Texas Instruments TMP1826 Datasheet HTML 2Page - Texas Instruments TMP1826 Datasheet HTML 3Page - Texas Instruments TMP1826 Datasheet HTML 4Page - Texas Instruments TMP1826 Datasheet HTML 5Page - Texas Instruments TMP1826 Datasheet HTML 6Page - Texas Instruments TMP1826 Datasheet HTML 7Page - Texas Instruments TMP1826 Datasheet HTML 8Page - Texas Instruments TMP1826 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 72 page
background image
• Added pinout for WSON package.......................................................................................................................5
• Updated operating ambient temperature as –55°C to 150 °C............................................................................ 6
• Added long-term stability and drift specification................................................................................................. 6
• Added temperature cycling and hysteresis specification.................................................................................... 6
• Added response time specification..................................................................................................................... 6
• Changed standby current as 1.6 µA................................................................................................................... 6
• Changed power-on reset threshold on rising supply from typical 1.25 V to minimum of 1.5 V...........................6
• Changed power-on reset threshold on falling supply from typical 1.15 V to maximum of 1.3 V.........................6
• Added typical Endurance spec for EEPROM..................................................................................................... 8
• Added the Flexible Device Address section..................................................................................................... 18
• Added section on standard and overdrive bus speeds.....................................................................................24
• Added FLEXADDR address command.............................................................................................................30
• Added description of FLEXADDR address command...................................................................................... 33
• Updated reset value for TEMP_RESULT_L and TEMP_RESULT_H registers................................................ 45
• Added DATA_READY flag in STATUS_REG....................................................................................................47
• Added FLEX_ADDR_MODE bits in CONFIG_REG2 register.......................................................................... 49
• Updated STACKMODE_ADDR as SHORT_ADDR register............................................................................. 50
www.ti.com
TMP1826
SBOSA45C – FEBRUARY 2022 – REVISED MAY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: TMP1826



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com