Electronic Components Datasheet Search
  English  ▼

X  

TMP1826 Datasheet(PDF) 49 Page - Texas Instruments

Click here to check the latest version.
Part # TMP1826
Description  TMP1826 1-Wire®, ±0.2°C Accurate Temperature Sensor With 2Kb EEPROM
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP1826 Datasheet(HTML) 49 Page - Texas Instruments

Back Button TMP1826 Datasheet HTML 45Page - Texas Instruments TMP1826 Datasheet HTML 46Page - Texas Instruments TMP1826 Datasheet HTML 47Page - Texas Instruments TMP1826 Datasheet HTML 48Page - Texas Instruments TMP1826 Datasheet HTML 49Page - Texas Instruments TMP1826 Datasheet HTML 50Page - Texas Instruments TMP1826 Datasheet HTML 51Page - Texas Instruments TMP1826 Datasheet HTML 52Page - Texas Instruments TMP1826 Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 72 page
background image
9.6.5 Device Configuration-2 Register (Scratchpad-1 offset = 05h) [reset = 80h]
This register is used to configure the overdrive enable, flexible address mode, arbitration mode during address
discovery, and the hysteresis for alert status. The register can be used to lock the writable registers for the
device. All register bits except FLEX_ADDR_MODE can be stored in the configuration EEPROM using the
COPY SCRATCHPAD-1 function command and restored at power-on reset.
Note
1. When setting the lock enable bits, the application must send all the scratchpad-1 data bytes and
read the CRC from the device before the change of overdrive bit takes effect.
2. When FLEX_ADDR_MODE is selected to decode resistor or IO pins, the bus must be placed in
the idle state after the device configuration-2 register byte is transmitted for tRESDET.
Return to Register Map.
Figure 9-29. Device Configuration-2 Register
7
6
5
4
3
2
1
0
OD_EN
FLEX_ADDR_MODE[1:0]
ARB_MODE[1:0]
HYSTERESIS[1:0]
LOCK_EN
RO-1b
RW-00b
RW-00b
RW-00b
RW-0b
Table 9-19. Device Configuration-2 Register Field Description
Bit
Field
Type
Reset
Description
7
OD_EN
RO
1b
Overdrive mode enable
0b = Overdrive speed is disabled
1b = Overdrive speed is enabled
The bit when set cannot be cleared by host write and will
automatically be cleared only by a standard speed reset signal.
6:5
FLEX_ADDR_MODE[1:0]
RW
00b
Flexible address mode selection.
00b = Short address register is updated by host
01b = Short address register is updated by IO pin decode
10b = Short address register is updated by Resistor decode
11b = Short address register is updated by combined IO and
resistor address decode
Flexible address mode selection takes effect only when there is
a change detected in the bit setting.
4:3
ARB_MODE[1:0]
RW
00b
Arbitration mode
00b = Arbitration by device is disabled
01b = Reserved
10bh = Arbitration by device is enabled in software compatible
mode
11b = Fast Arbitration mode is enabled
The arbitration feature is applicable only when address
command is SEARCHADDR. Other commands and functions
are not affected by the ARB_MODE bit.
2:1
HYSTERESIS[1:0]
RW
00b
Alert hysteresis selection
00b = 5 °C hysteresis
01b = 10°C hysteresis
10b = 15°C hysteresis
11b = 20°C hysteresis
0
LOCK_EN
RW
0b
Register protection enable bit
0b = The register protection is disabled
1b = The register protection is enabled.
When set, the bit cannot be cleared by writing to the
scratchpad-1 to unlock the register protection. The feature when
enabled, prevents application write to the temperature offset,
temperature alert low, temperature alert high, short address and
device configuration registers.
See Note-1 above.
www.ti.com
TMP1826
SBOSA45C – FEBRUARY 2022 – REVISED MAY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
49
Product Folder Links: TMP1826



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com