Electronic Components Datasheet Search
  English  ▼

X  

TMP1826 Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # TMP1826
Description  TMP1826 1-Wire®, ±0.2°C Accurate Temperature Sensor With 2Kb EEPROM
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP1826 Datasheet(HTML) 22 Page - Texas Instruments

Back Button TMP1826 Datasheet HTML 18Page - Texas Instruments TMP1826 Datasheet HTML 19Page - Texas Instruments TMP1826 Datasheet HTML 20Page - Texas Instruments TMP1826 Datasheet HTML 21Page - Texas Instruments TMP1826 Datasheet HTML 22Page - Texas Instruments TMP1826 Datasheet HTML 23Page - Texas Instruments TMP1826 Datasheet HTML 24Page - Texas Instruments TMP1826 Datasheet HTML 25Page - Texas Instruments TMP1826 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 72 page
background image
Temperature Register LSB
Temperature Register MSB
Status Register
Reserved = FFh
Device Con gura on-1 Register
Device Con gura on-2 Register
Short Address Register
Reserved = FFh
Temperature Alert Low LSB
Temperature Alert Low MSB
Short Address Register
Back up EEPROM
Scratchpad-1
Byte-0
Byte-1
Byte-2
Byte-3
Byte-4
Byte-5
Byte-6
Byte-7
Device Con gura on-1 Register
Temperature O set LSB
Temperature O set MSB
Temperature Alert Low LSB
Temperature Alert Low MSB
Temperature Alert High LSB
Temperature Alert High MSB
Temperature O set LSB
Temperature O set MSB
Reserved = FFh
Reserved = FFh
Byte-8
Byte-9
Byte-10
Byte-11
Byte-12
Byte-13
Byte-14
Byte-15
Temperature Alert High LSB
Temperature Alert High MSB
Device Con gura on-2 Register
IO Read Register
IO Con gura on Register
IO Con gura on Register
IO Registers
Figure 9-8. Functional Register Map (Scratchpad-1)
9.3.11 User Memory Map
The EEPROM memory is organized as 8 pages of 4 blocks each. Figure 9-9 shows that each block is 8 bytes or
64 bits. This results in a total user memory of 2048 bits. All memory access to the device shall be increments of
a block size of 8 bytes. Access to the memory for programming is done through the scratchpad-2 register. The
host writes to the scratchpad-2 register, which allows the device to perform a read before committing the content
to the memory.
TMP1826
SBOSA45C – FEBRUARY 2022 – REVISED MAY 2023
www.ti.com
22
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TMP1826



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com