Electronic Components Datasheet Search
  English  ▼

X  

AD7764 Datasheet(PDF) 4 Page - Analog Devices

Part # AD7764
Description  24-Bit 312 kSPS 109dB ADC With On-Chip Buffers Serial Interface
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7764 Datasheet(HTML) 4 Page - Analog Devices

  AD7764 Datasheet HTML 1Page - Analog Devices AD7764 Datasheet HTML 2Page - Analog Devices AD7764 Datasheet HTML 3Page - Analog Devices AD7764 Datasheet HTML 4Page - Analog Devices AD7764 Datasheet HTML 5Page - Analog Devices AD7764 Datasheet HTML 6Page - Analog Devices AD7764 Datasheet HTML 7Page - Analog Devices AD7764 Datasheet HTML 8Page - Analog Devices AD7764 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
AD7764
Preliminary Technical Data
Rev. PrC | Page 4 of 21
Parameter
Test Conditions/Comments
Specifcation
Unit
At modulator inputs
55
pF typ
REFERENCE INPUT/OUTPUT
VREF Input Voltage
VDD3 = 5V ± 5%
+4.096
Volts
VREF Input DC Leakage Current
±1
µA max
VREF Input Capacitance
5
pF max
POWER DISSIPATION
Total Power Dissipation
TBD
mW max
POWER REQUIREMENTS
AVDD1 (Modulator Supply)
±5%
+2.5
Volts
AVDD2 (General Supply)
±5%
+5
Volts
AVDD3 (Diff-Amp Supply)
+3.15/+5.25
V min/max
AVDD4 (Ref Buffer Supply)
+3.15/+5.25
V min/max
DVDD
±5%
+2.5
Volts
AIDD1 (Modulator)
TBD
mA typ
AIDD2 (General)
TBD
mA typ
AIDD4 (Reference Buffer)
AVDD4 = +5V
10
mA typ
AIDD3 (Diff Amp)
AVDD3 = 5V
10
mA typ
DIDD
Clock Stopped
TBD
mA typ
DIGITAL I/O
MCLK Input Amplitude3
5
V typ
Input Capacitance
7.3
pF typ
Input Leakage Current
±1
μA/pin
max
Three-State Leakage Current (SDO)
±1
μA max
VINH
TBD
V min
VINL
TBD
V max
VOH4
1.5
V min
VOL
0.1
V max
1 See Terminology section
2 SNR specifications in dBs are referred to a full-scale input, FS. Tested with an input signal at 0.5dB below full scale, unless otherwise specified.
3 While the AD7764 can function with an MCLK amplitude of less than 5 V, this is the recommended amplitude to achieve the performance as stated.
4 Tested with a 400μA load current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com