Electronic Components Datasheet Search
  English  ▼

X  

AD7764 Datasheet(PDF) 7 Page - Analog Devices

Part # AD7764
Description  24-Bit 312 kSPS 109dB ADC With On-Chip Buffers Serial Interface
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7764 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD7764 Datasheet HTML 3Page - Analog Devices AD7764 Datasheet HTML 4Page - Analog Devices AD7764 Datasheet HTML 5Page - Analog Devices AD7764 Datasheet HTML 6Page - Analog Devices AD7764 Datasheet HTML 7Page - Analog Devices AD7764 Datasheet HTML 8Page - Analog Devices AD7764 Datasheet HTML 9Page - Analog Devices AD7764 Datasheet HTML 10Page - Analog Devices AD7764 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
Preliminary Technical Data
AD7764
Rev. PrC | Page 7 of 21
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted
Table 3
Parameters
Rating
AVDD1 to GND
−0.3 V to +2.8 V
(AVDD2, AVDD3, AVDD4) to GND
−0.3 V to +6 V
DVDD to GND
−0.3 V to +2.8 V
VINA+ , VINA− to GND1
−0.3 V to +6 V
VIN+ , VIN− to GND1
−0.3 V to +6 V
Digital input voltage to GND2
−0.3 V to +2.8 V
VREF to GND3
−0.3 V to +6 V
AGND to DGND
−0.3 V to +0.3 V
Input current to any pin except supplies4
TBD
Operating temperature range
Commercial
−40°C to +85°C
Storage temperature range
−65°C to +150°C
Junction temperature
150°C
TSSOP Package
θJA thermal impedance
143°C/W
θJC thermal impedance
45°C/W
Lead temperature, soldering
Vapor phase (60 secs)
215°C
Infrared (15 secs)
220°C
ESD
TBD kV
1 Absolute maximum voltage for VIN-, VIN+ and VINA-, VINA+ is 6.0V or AVDD3+0.3V,
whichever is lower.
2 Absolute maximum voltage on digital inputs is 3.0V or DVDD+ 0.3V,
whichever is lower.
3 Absolute maximum voltage on VREF input is 6.0V or AVDD4 + 0.3V, whichever is
lower.
4 Transient currents of up to TBD mA do not cause SCR latch-up.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those listed in the operational sections
of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the
human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com