Electronic Components Datasheet Search
  English  ▼

X  

AD7764 Datasheet(PDF) 12 Page - Analog Devices

Part # AD7764
Description  24-Bit 312 kSPS 109dB ADC With On-Chip Buffers Serial Interface
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7764 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD7764 Datasheet HTML 8Page - Analog Devices AD7764 Datasheet HTML 9Page - Analog Devices AD7764 Datasheet HTML 10Page - Analog Devices AD7764 Datasheet HTML 11Page - Analog Devices AD7764 Datasheet HTML 12Page - Analog Devices AD7764 Datasheet HTML 13Page - Analog Devices AD7764 Datasheet HTML 14Page - Analog Devices AD7764 Datasheet HTML 15Page - Analog Devices AD7764 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
AD7764
Preliminary Technical Data
Rev. PrC | Page 12 of 21
THEORY OF OPERATION
The AD7764 employs a sigma-delta conversion technique to
convert the analog input into an equivalent digital word. The
modulator samples the input waveform and outputs an
equivalent digital word to the digital filter at a rate equal to I
CLK.
Due to the high over-sampling rate, which spreads the
quantization noise from 0 to f
ICLK, the noise energy contained in
the band of interest is reduced (Figure 12). To further reduce
the quantization noise, a high order modulator is employed to
shape the noise spectrum; so that most of the noise energy is
shifted out of the band of interest (Figure 13).
The digital filtering which follows the modulator removes the
large out-of-band quantization noise (Figure 14) while also
reducing the data rate from f
ICLK at the input of the filter to
f
ICLK/64 or less at the output of the filter, depending on the
decimation rate used.
Digital filtering has certain advantages over analog filtering. It
does not introduce significant noise or distortion and can be
made perfectly linear phase.
The AD7764 employs three Finite Impulse Response (FIR)
filters in series. By using different combinations of decimation
ratios, data can be obtained from the AD7764 at three data
rates. The first filter receives data from the modulator at ICLK
MHz where it is decimated by four to output data at (ICLK/4)
MHz.
QUANTIZATION NOISE
fICLK/2
BAND OF INTEREST
Figure 12. Σ-∆ ADC, Quantization Noise
fICLK/2
NOISE SHAPING
BAND OF INTEREST
Figure 13. Σ-∆ ADC, Noise Shaping
fICLK/2
BAND OF INTEREST
DIGITAL FILTER CUTOFF FREQUENCY
Figure 14 Σ-∆ ADC, Digital Filter Cutoff Frequency
The second filter allows the decimation rate to be chosen from
8x to 32x. The third filter has a fixed decimation rate of 2x.
Table 5 below shows some characteristics of the digital filtering
(See Clocking the AD7764 for details on ICLK).The group delay
of the filter is defined to be the delay to the centre of the
impulse response and is equal to the computation + filter
delays. The delay until valid data is available (the DVALID
status bit is set) is equal to 2x the filter delay + the computation
delay.
Table 5. Configuration With Default Filter
ICLK
Frequency
Decimation
Rate
Data State
Computation
Delay
Filter
Delay
Passband
Bandwidth
Output Data Rate
(ODR)
20 MHz
64x
Fully Filtered
2.25µS
87.6µS
125 kHz
312.5 kHz
20 MHz
128x
Fully Filtered
3.1µS
174µS
62.5 kHz
156.25 kHz
20 MHz
256x
Fully Filtered
4.65µS
346.8µS
31.25 kHz
78.125 kHz
12.288MHz
64x
Fully Filtered
3.66µS
142.6µS
76.8 kHz
192 kHz
12.288MHz
128x
Fully Filtered
5.05µS
283.2µS
38.4 kHz
96 kHz
12.288MHz
256x
Fully Filtered
7.57µS
564.5µS
19.2 kHz
48 kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com