Electronic Components Datasheet Search
  English  ▼

X  

AD7764 Datasheet(PDF) 19 Page - Analog Devices

Part # AD7764
Description  24-Bit 312 kSPS 109dB ADC With On-Chip Buffers Serial Interface
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7764 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD7764 Datasheet HTML 13Page - Analog Devices AD7764 Datasheet HTML 14Page - Analog Devices AD7764 Datasheet HTML 15Page - Analog Devices AD7764 Datasheet HTML 16Page - Analog Devices AD7764 Datasheet HTML 17Page - Analog Devices AD7764 Datasheet HTML 18Page - Analog Devices AD7764 Datasheet HTML 19Page - Analog Devices AD7764 Datasheet HTML 20Page - Analog Devices AD7764 Datasheet HTML 21Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 19 / 21 page
background image
Preliminary Technical Data
AD7764
Rev. PrC | Page 19 of 21
AD7764 REGISTERS
The AD7764 has a number of user-programmable registers. The control register is used to set the functionality of the on-chip buffer and
differential amplifier. and also provides the user the option to power down the AD7764. There are also digital gain and over-range
threshold registers. Writing to these registers involves writing the register address first, then a 16-bit data word. Register Addresses, details
of individual bits and default values are given here:
Table 9 Control Register (Address 0x0001, Default Value 0x001A)
MSB
LSB
0
RD Ovr
RD Gain
0
RD Stat
0
SYNC
0
Bypass Ref
0
0
0
Pwr Down
0
Ref Buf Off
Amp Off
Bit
Mnemonic
Comment
14
RD Ovr8,9
Read Overrange. If this bit has been set, the next read operation will output the contents of the Overrange Threshold
Register instead of a conversion result.
13
RD Gain8,9
Read Gain. If this bit has been set, the next read operation will output the contents of the digital Gain Register.
11
RD Stat8,9
Read Status. If this bit has been set, the next read operation will output the contents of the Status Register.
9
SYNC8
Synchronize. Setting this bit will initiate in internal synchronisation routine. Setting this bit simultaneously on multiple
devices will synchronize all filters.
7
By-Pass Ref
By-passes reference buffer if the buffer is off.
3
Pwr Down
A logic high powers the part down, however, no reset is done. Writing a 0 to this bit powers the part back up.
2
0
Set this bit to logic zero.
1
Ref Buf Off
Asserting this bit powers down the reference buffer.
0
Amp Off
Asserting this bit switches the differential amplifier off.
Table 10. Status Register (Read Only)
MSB
LSB
PART 1
1
DIE 2
DIE 1
DIE 0
DVALID
LPWR
OVR
0
1
0
Ref Buf On
Amp On
0
DEC 1
DEC 0
Bit
Mnemonic
Comment
15,14
PART1:0
Part Number. These bits will be constant for the AD7764.
13 to 11
DIE2:0
Die Number. These bits will reflect the current AD7764 die number for identification purposes within a system.
10
DVALID
Data Valid. This bit corresponds to the DVALID bit in the status word output in the second 16-bit read operation.
9
0
This bit is set to logic zero.
8
OVR
If the current analog input exceeds the current overrange threshold, this bit will be set.
4
Ref Buf On
This bit is set when the reference buffer is in use.
3
Amp On
This bit is set when the input amplifier is in use.
1 to 0
DEC1:0
Decimation Rate. These bits correspond to decimation rate that is in use.
8 Bits 14 to 11 & bit 9 are self clearing bits.
9 Only one of the bits may be set in any write operation as they all determine the contents of the next operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com