Electronic Components Datasheet Search
  English  ▼

X  

AD7764 Datasheet(PDF) 20 Page - Analog Devices

Part # AD7764
Description  24-Bit 312 kSPS 109dB ADC With On-Chip Buffers Serial Interface
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7764 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD7764 Datasheet HTML 13Page - Analog Devices AD7764 Datasheet HTML 14Page - Analog Devices AD7764 Datasheet HTML 15Page - Analog Devices AD7764 Datasheet HTML 16Page - Analog Devices AD7764 Datasheet HTML 17Page - Analog Devices AD7764 Datasheet HTML 18Page - Analog Devices AD7764 Datasheet HTML 19Page - Analog Devices AD7764 Datasheet HTML 20Page - Analog Devices AD7764 Datasheet HTML 21Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 21 page
background image
AD7764
Preliminary Technical Data
Rev. PrC | Page 20 of 21
NON BIT-MAPPED REGISTERS
Gain Register (Address 0x0004, Default Value 0xA000)
The Gain Register is scaled such that 0x8000 corresponds to a gain of 1.0. The default value of this register is 1.25 (0xA000). This gives a
full scale digital output when the input is at 80% of VREF. This ties in with the maximum analog input range of ±80% of VREF Pk-Pk.
Over Range Register (Address 0x0005, Default Value 0xCCCC)
The Over Range register value is compared with the output of the first decimation filter to obtain an overload indication with minimum
propagation delay. This is prior to any gain scaling or offset adjustment. The default value is 0xCCCC which corresponds to 80% of VREF
(the maximum permitted analog input voltage) Assuming VREF = 4.096V, the bit will then be set when the input voltage exceeds
approximately 6.55v pk-pk differential. Note that the over-range bit is also set immediately if the analog input voltage exceeds 100% of
VREF for more than 4 consecutive samples at the modulator rate.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com