Electronic Components Datasheet Search
  English  ▼

X  

AD7764 Datasheet(PDF) 10 Page - Analog Devices

Part # AD7764
Description  24-Bit 312 kSPS 109dB ADC With On-Chip Buffers Serial Interface
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7764 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD7764 Datasheet HTML 6Page - Analog Devices AD7764 Datasheet HTML 7Page - Analog Devices AD7764 Datasheet HTML 8Page - Analog Devices AD7764 Datasheet HTML 9Page - Analog Devices AD7764 Datasheet HTML 10Page - Analog Devices AD7764 Datasheet HTML 11Page - Analog Devices AD7764 Datasheet HTML 12Page - Analog Devices AD7764 Datasheet HTML 13Page - Analog Devices AD7764 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
AD7764
Preliminary Technical Data
Rev. PrC | Page 10 of 21
TERMINOLOGY
Signal-to-Noise Ratio (SNR)
The ratio of the rms value of the actual input signal to the rms
sum of all other spectral components below the Nyquist fre-
quency, excluding harmonics and dc. The value for SNR is
expressed in decibels.
Total Harmonic Distortion (THD)
The ratio of the rms sum of harmonics to the fundamental.
For the AD7763, it is defined as
()
1
6
5
4
3
2
V
V
V
V
V
V
THD
2
2
2
2
2
log
20
dB
+
+
+
+
=
where:
V1
is the rms amplitude of the fundamental.
V2
, V3, V4, V5, and V6 are the rms amplitudes of the second
to the sixth harmonics.
Nonharmonic Spurious-Free Dynamic Range (SFDR)
The ratio of the rms signal amplitude to the rms value of the
peak spurious spectral component, excluding harmonics.
Dynamic Range
The ratio of the rms value of the full scale to the rms noise
measured with the inputs shorted together. The value for
dynamic range is expressed in decibels.
Intermodulation Distortion
With inputs consisting of sine waves at two frequencies, fa
and fb, any active device with nonlinearities creates distortion
products at sum and difference frequencies of mfa ± nfb, where
m, n = 0, 1, 2, 3, and so on. Intermodulation distortion terms
are those for which neither m nor n are equal to 0. For example,
the second-order terms include (fa + fb) and (fa − fb), while the
third-order terms include (2fa + fb), (2fa − fb), (fa + 2fb), and
(fa − 2fb).
The AD7764 is tested using the CCIF standard, where two input
frequencies near the top end of the input bandwidth are used.
In this case, the second-order terms are usually distanced in
frequency from the original sine waves, while the third-order
terms are usually at a frequency close to the input frequencies.
As a result, the second- and third-order terms are specified
separately. The calculation of the intermodulation distortion is
as per the THD specification, where it is the ratio of the rms
sum of the individual distortion products to the rms amplitude
of the sum of the fundamentals expressed in dB.
Integral Nonlinearity (INL)
The maximum deviation from a straight line passing through
the endpoints of the ADC transfer function.
Differential Nonlinearity (DNL)
The difference between the measured and the ideal 1 LSB
change between any two adjacent codes in the ADC.
Zero Error
The zero error is the difference between the ideal midscale
input voltage (when both inputs are shorted together) and the
actual voltage producing the midscale output code.
Zero Error Drift
The change in the actual zero error value due to a temperature
change of 1°C. It is expressed as a percentage of full scale at room
temperature.
Gain Error
The first transition (from 100…000 to 100…001) should occur
for an analog voltage 1/2 LSB above the nominal negative full
scale. The last transition (from 011…110 to 011…111) should
occur for an analog voltage 1 1/2 LSB below the nominal full
scale. The gain error is the deviation of the difference between
the actual level of the last transition and the actual level of the
first transition, from the difference between the ideal levels.
Gain Error Drift
The change in the actual gain error value due to a temperature
change of 1°C. It is expressed as a percentage of full scale at room
temperature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com