Electronic Components Datasheet Search
  English  ▼

X  

AD7764 Datasheet(PDF) 3 Page - Analog Devices

Part # AD7764
Description  24-Bit 312 kSPS 109dB ADC With On-Chip Buffers Serial Interface
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7764 Datasheet(HTML) 3 Page - Analog Devices

  AD7764 Datasheet HTML 1Page - Analog Devices AD7764 Datasheet HTML 2Page - Analog Devices AD7764 Datasheet HTML 3Page - Analog Devices AD7764 Datasheet HTML 4Page - Analog Devices AD7764 Datasheet HTML 5Page - Analog Devices AD7764 Datasheet HTML 6Page - Analog Devices AD7764 Datasheet HTML 7Page - Analog Devices AD7764 Datasheet HTML 8Page - Analog Devices AD7764 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
Preliminary Technical Data
AD7764
Rev. PrC | Page 3 of 21
SPECIFICATIONS
VDD1 = 2.5 V, VDD2 = 5 V, VREF = 4.096 V, TA = +25°C, Using the on-chip amplifier with components as shown in Table 7, unless otherwise
noted.1
Table 1.
Parameter
Test Conditions/Comments
Specifcation
Unit
DYNAMIC PERFORMANCE
Decimate by 256
MCLK = 40MHz, ODR = 78.125kHz, FIN = 1kHz Sine Wave
TBD
dB min
Dynamic Range
Modulator inputs shorted
115
dB typ
Signal to Noise Ratio (SNR)2
112
dB typ
Spurious Free Dynamic Range (SFDR)
TBD
dBFS typ
Input Amplitude = -0.5dB
-105
dB typ
TBD
dB max
Input Amplitude = -6dB
dB typ
Total Harmonic Distortion (THD)
Input Amplitude = -60dB
dB typ
Decimate by 128
MCLK = 40MHz, ODR = 156.25kHz, FIN =100kHz Sine Wave
TBD
dB min
Dynamic Range
Modulator inputs shorted
112
dB typ
Signal to Noise Ratio (SNR)2
109
dB typ
Spurious Free Dynamic Range (SFDR)
Non-harmonic
dBFS typ
Input Amplitude = -0.5dB
dB typ
TBD
dB max
Total Harmonic Distortion (THD)
Input Amplitude = -6dB
dB typ
Intermodulation Distortion (IMD)
Input Amplitude = -6dB, FINA= TBD KHz, FINB=TBD KHz
TBD
dB typ
Decimate by 64
MCLK = 40MHz, ODR = 312.5kHz, FIN = 100kHz Sine Wave
109
dB typ
Dynamic Range
Modulator inputs shorted
dB min
Signal to Noise Ratio (SNR)2
106
dB typ
Spurious Free Dynamic Range (SFDR)
Non-harmonic
dBFS typ
Input Amplitude = -0.5dB
dB typ
TBD
dB max
Total Harmonic Distortion (THD)
Input Amplitude = -6dB
TBD
dB typ
Intermodulation Distortion (IMD)
Input Amplitude = -6dB, FINA= TBD KHz, FINB=TBD KHz
DC ACCURACY
Resolution
Guaranteed monotonic to 24 bits
24
Bits
Integral Nonlinearity
0.00076
LSB typ
0.014
% typ
Zero Error
0.02
% max
Gain Error
0.018
% typ
Zero Error Drift
0.00001
%FS/°C typ
Gain Error Drift
0.0002
%FS/°C typ
DIGITAL FILTER RESPONSE
Decimate by 64
Group Delay
MCLK = 40MHz
89
µS typ
Decimate by 128
Group Delay
MCLK = 40MHz
177
µS typ
Decimate by 256
Group Delay
MCLK = 40MHz
358
µS typ
ANALOG INPUT
Differential Input Voltage
Vin(+) – Vin(-), VREF = 2.5V
±2
V pk-pk
Vin(+) – Vin(-), VREF = 4.096V
±3.25
V pk-pk
Input Capacitance
At internal buffer inputs
5
pF typ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com