Electronic Components Datasheet Search
  English  ▼

X  

7K6000 Datasheet(PDF) 39 Page - Western Digital Corporation or its affiliates.

Part # 7K6000
Description  3.5 inch Serial ATA hard disk drive
PDF  274 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WESTERN [Western Digital Corporation or its affiliates.]
Direct Link  https://www.westerndigital.com/
Logo WESTERN - Western Digital Corporation or its affiliates.

7K6000 Datasheet(HTML) 39 Page - Western Digital Corporation or its affiliates.

Back Button 7K6000 Datasheet HTML 35Page - Western Digital Corporation or its affiliates. 7K6000 Datasheet HTML 36Page - Western Digital Corporation or its affiliates. 7K6000 Datasheet HTML 37Page - Western Digital Corporation or its affiliates. 7K6000 Datasheet HTML 38Page - Western Digital Corporation or its affiliates. 7K6000 Datasheet HTML 39Page - Western Digital Corporation or its affiliates. 7K6000 Datasheet HTML 40Page - Western Digital Corporation or its affiliates. 7K6000 Datasheet HTML 41Page - Western Digital Corporation or its affiliates. 7K6000 Datasheet HTML 42Page - Western Digital Corporation or its affiliates. 7K6000 Datasheet HTML 43Page - Western Digital Corporation or its affiliates. Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 274 page
background image
39
HGST Hard Disk Drive Specification
6.5.2 Connector locations
Figure 10
Connector locations
6.5.3 Drive mounting
The drive will operate in all axes (6 directions). Performance and error rate will stay within specification limits if the
drive is operated in the other orientations from which it was formatted.
For reliable operation, the drive must be mounted in the system securely enough to prevent excessive motion or
vibration of the drive during seek operation or spindle rotation, using appropriate screws or equivalent mounting
hardware.
The recommended mounting screw torque is 0.6 - 1.0 Nm (6-10 Kgf.cm).
The recommended mounting screw depth is 4 mm maximum for bottom and 6.1 mm maximum for horizontal
mounting.
Drive level vibration test and shock test are to be conducted with the drive mounted to the table using the bottom
four screws.
6.5.4 Heads unload and actuator lock
Heads are moved out from disks (unload) to protect the disk data during shipping, moving, or storage.
Upon
power down, the heads are automatically unloaded from disk area and the locking mechanism of the head actuator
will secure the heads in unload position.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com