Electronic Components Datasheet Search
  English  ▼

X  

7K6000 Datasheet(PDF) 28 Page - Western Digital Corporation or its affiliates.

Part # 7K6000
Description  3.5 inch Serial ATA hard disk drive
PDF  274 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WESTERN [Western Digital Corporation or its affiliates.]
Direct Link  https://www.westerndigital.com/
Logo WESTERN - Western Digital Corporation or its affiliates.

7K6000 Datasheet(HTML) 28 Page - Western Digital Corporation or its affiliates.

Back Button 7K6000 Datasheet HTML 24Page - Western Digital Corporation or its affiliates. 7K6000 Datasheet HTML 25Page - Western Digital Corporation or its affiliates. 7K6000 Datasheet HTML 26Page - Western Digital Corporation or its affiliates. 7K6000 Datasheet HTML 27Page - Western Digital Corporation or its affiliates. 7K6000 Datasheet HTML 28Page - Western Digital Corporation or its affiliates. 7K6000 Datasheet HTML 29Page - Western Digital Corporation or its affiliates. 7K6000 Datasheet HTML 30Page - Western Digital Corporation or its affiliates. 7K6000 Datasheet HTML 31Page - Western Digital Corporation or its affiliates. 7K6000 Datasheet HTML 32Page - Western Digital Corporation or its affiliates. Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 274 page
background image
28
HGST Hard Disk Drive Specification
6.2
Environment
6.2.1 Temperature and humidity
Operating conditions
Temperature
Relative humidity
Maximum wet bulb temperature
Maximum temperature gradient
Altitude
5 to 60°C
8 to 90% non-condensing
29.4°C non-condensing
20°C/Hour
–300 to 3,048 m
Non-Op conditions
Temperature
Relative humidity
Maximum wet bulb temperature
Maximum temperature gradient
Altitude
-40 to 70°C
( storage 0 to 70°C )
5 to 95% non-condensing
35°C non-condensing
30°C/Hour
–300 to 12,000 m (Inside dashed-dotted line of Figure 4)
Table 14
Temperature and humidity
Notes:
1.
The system is responsible for providing sufficient ventilation to maintain a surface temperature below 65°C at
the center of the top cover of the drive.
2.
Non condensing conditions should be maintained at any time.
3.
Maximum storage period within shipping package is one year.
Figure 4
Limits of temperature and altitude
-2000
-1000
0
1000
2000
3000
4000
5000
6000
7000
8000
9000
10000
11000
12000
13000
-50
-40
-30
-20
-10
0
10
20
30
40
50
60
70
80
Temperature (degC)
Altitude specification
Non-Operating
-40degC/12000m
40degC/12000m
70degC/3048m
5degC/3048m
60degC/3048m
60degC/-300m
5degC/-300m
-40degC/-300m
70degC/-300m
Operating



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com