Electronic Components Datasheet Search
  English  ▼

X  

7K6000 Datasheet(PDF) 61 Page - Western Digital Corporation or its affiliates.

Part # 7K6000
Description  3.5 inch Serial ATA hard disk drive
PDF  274 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WESTERN [Western Digital Corporation or its affiliates.]
Direct Link  https://www.westerndigital.com/
Logo WESTERN - Western Digital Corporation or its affiliates.

7K6000 Datasheet(HTML) 61 Page - Western Digital Corporation or its affiliates.

Back Button 7K6000 Datasheet HTML 57Page - Western Digital Corporation or its affiliates. 7K6000 Datasheet HTML 58Page - Western Digital Corporation or its affiliates. 7K6000 Datasheet HTML 59Page - Western Digital Corporation or its affiliates. 7K6000 Datasheet HTML 60Page - Western Digital Corporation or its affiliates. 7K6000 Datasheet HTML 61Page - Western Digital Corporation or its affiliates. 7K6000 Datasheet HTML 62Page - Western Digital Corporation or its affiliates. 7K6000 Datasheet HTML 63Page - Western Digital Corporation or its affiliates. 7K6000 Datasheet HTML 64Page - Western Digital Corporation or its affiliates. 7K6000 Datasheet HTML 65Page - Western Digital Corporation or its affiliates. Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 274 page
background image
61
HGST Hard Disk Drive Specification
9.6.4.3
Operation from POR after User Password is set
When Device Lock Function is enabled, the device rejects media access command until a Security Unlock command
is successfully completed.
(*1) Refer to 9.6.5 on the page.63
Figure 12
Usual Operation
POR
Device Locked mode
Unlock CMD
Erase Prepare
Media access
command (*1)
Non-Media access
command (*1)
Password
Match ?
Complete
Erase Unit
Lock function
Disable
Enter Device
Unlock mode
Erase Unit
Password
Match ?
Normal operation : All commands are available
Freeze Lock command
Enter Device Frozen mode
Normal Operation except Set Password,
Disable Password, Erase Unit, Unlock commands.
Reject
Complete
N
Y
N
Y



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com