Electronic Components Datasheet Search
  English  ▼

X  

7K6000 Datasheet(PDF) 86 Page - Western Digital Corporation or its affiliates.

Part # 7K6000
Description  3.5 inch Serial ATA hard disk drive
PDF  274 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WESTERN [Western Digital Corporation or its affiliates.]
Direct Link  https://www.westerndigital.com/
Logo WESTERN - Western Digital Corporation or its affiliates.

7K6000 Datasheet(HTML) 86 Page - Western Digital Corporation or its affiliates.

Back Button 7K6000 Datasheet HTML 82Page - Western Digital Corporation or its affiliates. 7K6000 Datasheet HTML 83Page - Western Digital Corporation or its affiliates. 7K6000 Datasheet HTML 84Page - Western Digital Corporation or its affiliates. 7K6000 Datasheet HTML 85Page - Western Digital Corporation or its affiliates. 7K6000 Datasheet HTML 86Page - Western Digital Corporation or its affiliates. 7K6000 Datasheet HTML 87Page - Western Digital Corporation or its affiliates. 7K6000 Datasheet HTML 88Page - Western Digital Corporation or its affiliates. 7K6000 Datasheet HTML 89Page - Western Digital Corporation or its affiliates. 7K6000 Datasheet HTML 90Page - Western Digital Corporation or its affiliates. Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 274 page
background image
86
HGST Hard Disk Drive Specification
9.18.2.1.2
Issue SCT Command Using Write Log Ext
Command Block Output Registers
Register
7
6
5
4
3
2
1
0
Feature
Current
Reserved
Previous
Reserved
Sector Count
Current
01h
Previous
00h
LBA Low
Current
E0h
Previous
Reserved
LBA Mid
Current
00h
Previous
00h
LBA High
Current
Reserved
Previous
Reserved
Device/Head
-
-
-
D
-
-
-
-
Command
3Fh
Table 49
Input Registers of SCT Command Using Write Log Ext
Command Block Input Registers (Success)
Command Block Input Registers (Error)
Register
7
6
5
4
3
2
1
0
Register
7
6
5
4
3
2
1
0
Error
00h
Error
04h
Sector Count
HOB=0
Depends on command
(LSB)
Sector Count
HOB=0
Extended Status Code
(LSB)
HOB=1
Reserved
HOB=1
Reserved
LBA Low
HOB=0
Depends on command
(MSB)
LBA Low
HOB=0
Extended Status Code
(MSB)
HOB=1
Reserved
HOB=1
Reserved
LBA Mid
HOB=0
Number of sectors (LSB)
LBA Mid
HOB=0
Number of sectors (LSB)
HOB=1
Reserved
HOB=1
Reserved
LBA High
HOB=0
Number of sectors (MSB)
LBA High
HOB=0
Number of sectors (MSB)
HOB=1
Reserved
HOB=1
Reserved
Device/Head
-
-
-
-
-
-
-
-
Device/Head
-
-
-
-
-
-
-
-
Status
50h
Status
51h
All ATA
“previous” registers are reserved in Write Log Ext responses.
Table 50
Output Registers of SCT Command Using Write Log Ext



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com