Electronic Components Datasheet Search
  English  ▼

X  

7K6000 Datasheet(PDF) 15 Page - Western Digital Corporation or its affiliates.

Part # 7K6000
Description  3.5 inch Serial ATA hard disk drive
PDF  274 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WESTERN [Western Digital Corporation or its affiliates.]
Direct Link  https://www.westerndigital.com/
Logo WESTERN - Western Digital Corporation or its affiliates.

7K6000 Datasheet(HTML) 15 Page - Western Digital Corporation or its affiliates.

Back Button 7K6000 Datasheet HTML 11Page - Western Digital Corporation or its affiliates. 7K6000 Datasheet HTML 12Page - Western Digital Corporation or its affiliates. 7K6000 Datasheet HTML 13Page - Western Digital Corporation or its affiliates. 7K6000 Datasheet HTML 14Page - Western Digital Corporation or its affiliates. 7K6000 Datasheet HTML 15Page - Western Digital Corporation or its affiliates. 7K6000 Datasheet HTML 16Page - Western Digital Corporation or its affiliates. 7K6000 Datasheet HTML 17Page - Western Digital Corporation or its affiliates. 7K6000 Datasheet HTML 18Page - Western Digital Corporation or its affiliates. 7K6000 Datasheet HTML 19Page - Western Digital Corporation or its affiliates. Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 274 page
background image
15
HGST Hard Disk Drive Specification
1.2
Glossary
ESD
Electrostatic Discharge
Kbpi
1,000 bits per inch
Ktpi
1,000 tracks per inch
Gbps
1,000,000,000 bits per second
Mbps
1,000,000 bits per second
MB/s
1,000,000 bytes per second
TB
1,000,000,000,000 bytes (for Drive Capacity)
GB
1,000,000,000 bytes (for Drive Capacity)
MB
1,048,576 bytes (for Memory Size)
KB
1,024 bytes (for Memory Size)
S.M.A.R.T.
Self-Monitoring Analysis and Reporting Technology
DFT
Drive Fitness Test
ADM
Automatic Drive Maintenance
1.3
General caution
The drive can be damaged by shock or ESD (Electrostatic Discharge).
Any damage sustained by the drive after
removal from the shipping package and opening the ESD protective bag are the responsibility of the user.
1.4
References
・ Serial ATA II: Extensions to Serial ATA 1.0
・ Serial ATA International Organization: Serial ATA Revision 3.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com