Electronic Components Datasheet Search
  English  ▼

X  

7K6000 Datasheet(PDF) 40 Page - Western Digital Corporation or its affiliates.

Part # 7K6000
Description  3.5 inch Serial ATA hard disk drive
PDF  274 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WESTERN [Western Digital Corporation or its affiliates.]
Direct Link  https://www.westerndigital.com/
Logo WESTERN - Western Digital Corporation or its affiliates.

7K6000 Datasheet(HTML) 40 Page - Western Digital Corporation or its affiliates.

Back Button 7K6000 Datasheet HTML 36Page - Western Digital Corporation or its affiliates. 7K6000 Datasheet HTML 37Page - Western Digital Corporation or its affiliates. 7K6000 Datasheet HTML 38Page - Western Digital Corporation or its affiliates. 7K6000 Datasheet HTML 39Page - Western Digital Corporation or its affiliates. 7K6000 Datasheet HTML 40Page - Western Digital Corporation or its affiliates. 7K6000 Datasheet HTML 41Page - Western Digital Corporation or its affiliates. 7K6000 Datasheet HTML 42Page - Western Digital Corporation or its affiliates. 7K6000 Datasheet HTML 43Page - Western Digital Corporation or its affiliates. 7K6000 Datasheet HTML 44Page - Western Digital Corporation or its affiliates. Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 274 page
background image
40
HGST Hard Disk Drive Specification
6.6
Vibration and shock
All vibration and shock measurements recorded in this section are made with a drive that has no mounting
attachments for the systems. The input power for the measurements is applied to the normal drive mounting points.
6.6.1 Operating vibration
6.6.1.1
Random vibration (Linear)
The test is 30 minutes of random vibration using the power spectral density (PSD) levels shown below in each of
three mutually perpendicular axes. The disk drive will operate without non-recoverable errors when subjected to the
below random vibration levels.
Frequency
5 Hz
17 Hz
45 Hz
48 Hz
62 Hz
65 Hz
150 Hz
200 Hz
500 Hz
RMS
(m/sec2)
[(m/sec2)2/Hz]
1.9 x
10E
–3
1.1 x
10E
–1
1.1 x
10E
–1
7.7 x
10E
–1
7.7 x
10E
–1
9.6 x
10E
–2
9.6 x
10E
–2
4.8 x
10E
–2
4.8
x10E-2
6.57
Table 21
Random vibration PSD profile break points (operating)
The overall RMS (root mean square) level is 6.57 m/sec2 (0.67 G).
6.6.1.2
Swept sine vibration (Linear)
The drive will meet the criteria shown below while operating in the specified conditions:
 No errors occur with 4.9 m/sec2 (0.5 G) 0 to peak, 5 to 300 to 5 Hz sine wave, 0.5 oct/min sweep rate with 3-
minute dwells at two major resonances
 No data loss occurs with 9.8 m/sec2 (1 G) 0 to peak, 5 to 300 to 5 Hz sine wave, 0.5 oct/min sweep rate with
3-minute dwells at two major resonances
6.6.1.3
Random vibration (Rotational)
The drive will meet the criteria shown below while operating in the specified conditions:
 Less than 20% Performance degradation
 The overall RMS (Root Mean Square) level of vibration is 12.5Rad/sec^2. PSD profile is shown below.
Frequency
20 Hz
100 Hz
200 Hz
800 Hz
1000 Hz
1500 Hz
1700 Hz
2000 Hz
RMS
(Rad/s2)
[(Rad/s2) 2/Hz]
1.90E-
02
1.90E-
02
1.87E-
01
1.87E-
01
5.33E-
02
7.70E-
03
4.00E-
03
4.00E-
03
12.5
Table 22
Random vibration (Rotational) PSD profile break points



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com