Electronic Components Datasheet Search
  English  ▼

X  

7K6000 Datasheet(PDF) 97 Page - Western Digital Corporation or its affiliates.

Part # 7K6000
Description  3.5 inch Serial ATA hard disk drive
PDF  274 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WESTERN [Western Digital Corporation or its affiliates.]
Direct Link  https://www.westerndigital.com/
Logo WESTERN - Western Digital Corporation or its affiliates.

7K6000 Datasheet(HTML) 97 Page - Western Digital Corporation or its affiliates.

Back Button 7K6000 Datasheet HTML 93Page - Western Digital Corporation or its affiliates. 7K6000 Datasheet HTML 94Page - Western Digital Corporation or its affiliates. 7K6000 Datasheet HTML 95Page - Western Digital Corporation or its affiliates. 7K6000 Datasheet HTML 96Page - Western Digital Corporation or its affiliates. 7K6000 Datasheet HTML 97Page - Western Digital Corporation or its affiliates. 7K6000 Datasheet HTML 98Page - Western Digital Corporation or its affiliates. 7K6000 Datasheet HTML 99Page - Western Digital Corporation or its affiliates. 7K6000 Datasheet HTML 100Page - Western Digital Corporation or its affiliates. 7K6000 Datasheet HTML 101Page - Western Digital Corporation or its affiliates. Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 274 page
background image
97
HGST Hard Disk Drive Specification
Feature Code
State Definition
0001h
0001h : Allow write cache operation to be determined by Set Feature command
0002h : Force write cache enabled
0003h : Force write cache disabled
If State 0001h is selected, the ATA Set Feature command will determine the operation state
of write cache. If State 0002h or 0003h is selected, write cache will be forced into the
corresponding operation state, regardless of the current ATA Set Feature state. Any attempt
to change the write cache setting through Set Feature shall be accepted, but otherwise
ignored, and not affect the operation state of write cache and complete normally without
reporting an error.
In all cases, bit 5 of word 85 in the Identify Device information will reflect the true operation
state of write cache, one indicating enabled and zero indicating disabled.
The default state is 0001h.
0002h
0001h : Enable Write Cache Reordering
0002h : Disable Write Cache Reordering
The default state is 0001h.
The drive does not return error for setting state 0002h, but the state is ignored.
0003h
Set time interval for temperature logging.
0000h is invalid.
0001h to FFFFh logging interval in minutes.
This value applies to the Absolute HDA Temperature History queue. Issuing this command
will cause the queue to be reset and any prior values in the queue will be lost. Queue Index
shall be set to zero and the first queue location will be set to the current value. All remaining
queue locations are set to 80h. The Sample Period, Max Op Limit, Over Limit, Min Op Limit
and Under Limit values are preserved.
Default value is 0001h.
0004h-CFFFh
Reserved
D000h-FFFFh
Vendor Specific
Table 67
Feature Code List



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com