Electronic Components Datasheet Search
  English  ▼

X  

7K6000 Datasheet(PDF) 21 Page - Western Digital Corporation or its affiliates.

Part # 7K6000
Description  3.5 inch Serial ATA hard disk drive
PDF  274 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WESTERN [Western Digital Corporation or its affiliates.]
Direct Link  https://www.westerndigital.com/
Logo WESTERN - Western Digital Corporation or its affiliates.

7K6000 Datasheet(HTML) 21 Page - Western Digital Corporation or its affiliates.

Back Button 7K6000 Datasheet HTML 17Page - Western Digital Corporation or its affiliates. 7K6000 Datasheet HTML 18Page - Western Digital Corporation or its affiliates. 7K6000 Datasheet HTML 19Page - Western Digital Corporation or its affiliates. 7K6000 Datasheet HTML 20Page - Western Digital Corporation or its affiliates. 7K6000 Datasheet HTML 21Page - Western Digital Corporation or its affiliates. 7K6000 Datasheet HTML 22Page - Western Digital Corporation or its affiliates. 7K6000 Datasheet HTML 23Page - Western Digital Corporation or its affiliates. 7K6000 Datasheet HTML 24Page - Western Digital Corporation or its affiliates. 7K6000 Datasheet HTML 25Page - Western Digital Corporation or its affiliates. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 274 page
background image
21
HGST Hard Disk Drive Specification
4.4
Drive organization
4.4.1
Drive Format
Upon shipment from HGST Japan manufacturing the drive satisfies the sector continuity in the physical format by
means of the defect flagging strategy described in Section 5 on page 25 in order to provide the maximum
performance to users.
4.4.2
Cylinder allocation
Physical cylinder is calculated from the starting data track of 0. It is not relevant to logical CHS. Depending on the
capacity some of the inner zone cylinders are not allocated.
Data cylinder
This cylinder contains the user data which can be sent and retrieved via read/write commands and a spare area for
reassigned data.
Spare cylinder
The spare cylinder is used by HGST Japan manufacturing and includes data sent from a defect location.
4.5
Performance characteristics
Drive performance is characterized by the following parameters:
 Command overhead
 Mechanical positioning
- Seek time
- Latency
 Data transfer speed
 Buffering operation (Look ahead/Write cache)
All the above parameters contribute to drive performance. There are other parameters that contribute to the
performance of the actual system. This specification defines the characteristics of the drive, not the characteristics
of the system throughput which depends on the system and the application.
4.5.1 Command overhead
Command overhead is defined as the time required
 from the time H->D Reg FIS w/ command bit is sent by host
 to the time
 PIO Set Up FIS is sent by device(PIO Read/Write)
 DATA FIS is sent by device(DMA Read)
 DMA Activate FIS is sent by device(DMA Write)
 DMA Set Up FIS is sent by device(NCQ Read/Write)
 Seek Start (Read cache not hit or Seek)
The table below gives average command overhead.
Command type
(Drive is in quiescent state)
Typical time (ms)
Typical time for NCQ
command (ms)
Read (Cache not hit)
0.2
0.2
Read (Cache hit)
0.2
0.2
Write
0.5
0.5
Seek
0.5
not applicable
Table 6
Command overhead



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com