Electronic Components Datasheet Search
  English  ▼

X  

ASX00007 Datasheet(PDF) 29 Page - Arduino

Part # ASX00007
Description  ARDUINO, YOUR GATEWAT TO A WORLD FULL OF INVENTIONS
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARDUINO [Arduino]
Direct Link  https://www.arduino.cc/
Logo ARDUINO - Arduino

ASX00007 Datasheet(HTML) 29 Page - Arduino

Back Button ASX00007 Datasheet HTML 25Page - Arduino ASX00007 Datasheet HTML 26Page - Arduino ASX00007 Datasheet HTML 27Page - Arduino ASX00007 Datasheet HTML 28Page - Arduino ASX00007 Datasheet HTML 29Page - Arduino ASX00007 Datasheet HTML 30Page - Arduino ASX00007 Datasheet HTML 31Page - Arduino ASX00007 Datasheet HTML 32Page - Arduino ASX00007 Datasheet HTML 33Page - Arduino Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 49 page
background image
29
ARDUINO MKR WIFI 1010 IS THE NEWEST VERSION OF THE
MKR1000 WITH AN ESP32 MODULE FROM U-BLOX.
Arduino MKR WiFi 1010 is the evolution of the MKR1000 and
is equipped with an ESP32 module from u-blox. The MKR
WiFi 1010 aims to accelerate and simplify the prototyping
of WiFi-based IoT applications thanks to the flexibility
of the ESP32 module and its low power consumption.
The Board is composed of three main blocks:
Microchip ATSAMD21 MCU based on an Arm Cortex-M0+
processor
u-blox NINA-W10 series low power 2.4GHz IEEE® 802.11
b/g/n Wi-Fi
ECC508 CryptoAuthentication
The design includes a Li-Po charging circuit that allows
Arduino MKR WiFi 1010 to run on battery power or external
5V, charging the Li-Po battery while running on external
power. Switching from one source to the other is done
automatically.
MKR WIFI 1010
COD:ABX00023
STORE.ARDUINO.CC/ARDUINO-MKR-WI-
FI-1010
TECH SPECS:
MICROCONTROLLER MICROCHIP ATSAMD21
(ARM CORTEX-M0+ PROCESSOR)
WIFI U-BLOX NINA-W102 (ESP32)
BOARD POWER SUPPLY (USB/VIN) 5V
SUPPORTED BATTERY(*) LI-PO SINGLE
CELL, 3.7V, 700MAH
MINIMUM CIRCUIT OPERATING VOLTAGE
3.3V
DIGITAL I/O PINS 8
PWM PINS 12 (0, 1, 2, 3, 4, 5, 6,
7, 8, 10, A3 - OR 18 -, A4 -OR 19)
UART 1
SPI 1
I2C 1
I2S 1
CONNECTIVITY WIFI, BLE (COMING
SOON)
ANALOG INPUT PINS 7 (ADC 8/10/12
BIT)
ANALOG OUTPUT PINS 1 (DAC 10 BIT)
EXTERNAL INTERRUPTS 8 (0, 1, 4, 5,
6, 7, 8, A1 -OR 16-, A2 - OR 17)
DC CURRENT PER I/O PIN 7
MA FLASH MEMORY 256 KB
SRAM 32 KB
EEPROM NO
CLOCK SPEED 32.768 KHZ (RTC), 48
MHZ
LED_BUILTIN 6
FULL-SPEED USB DEVICE AND EMBEDDED
HOST INCLUDED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com