Electronic Components Datasheet Search
  English  ▼

X  

ASX00007 Datasheet(PDF) 10 Page - Arduino

Part # ASX00007
Description  ARDUINO, YOUR GATEWAT TO A WORLD FULL OF INVENTIONS
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARDUINO [Arduino]
Direct Link  https://www.arduino.cc/
Logo ARDUINO - Arduino

ASX00007 Datasheet(HTML) 10 Page - Arduino

Back Button ASX00007 Datasheet HTML 6Page - Arduino ASX00007 Datasheet HTML 7Page - Arduino ASX00007 Datasheet HTML 8Page - Arduino ASX00007 Datasheet HTML 9Page - Arduino ASX00007 Datasheet HTML 10Page - Arduino ASX00007 Datasheet HTML 11Page - Arduino ASX00007 Datasheet HTML 12Page - Arduino ASX00007 Datasheet HTML 13Page - Arduino ASX00007 Datasheet HTML 14Page - Arduino Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 49 page
background image
10
THE SMALLEST BOARD OF THE FAMILY, IT’S PER-
FECT TO MAKE EVERYDAY OBJECTS INTERACTIVE.
The
MICRO is a microcontroller board based on the
ATmega32U4 (datasheet), developed in conjunction with
Adafruit. It has 20 digital input/output pins (of which
7 can be used as PWM outputs and 12 as analog inputs),
a 16 MHz crystal oscillator, a micro USB connection, an
ICSP header, and a reset button. It contains everything
needed to support the microcontroller; simply connect it
to a computer with a micro USB cable to get started. It
has a form factor that enables it to be easily placed on
a breadboard.
The Micro board is similar to the Arduino Leonardo in
that the ATmega32U4 has built-in USB communication,
eliminating the need for a secondary processor. This
allows the Micro to appear to a connected computer as
a mouse and keyboard, in addition to a virtual (CDC)
serial / COM port. It also has other implications for the
behavior of the board; these are detailed on the getting
started page.
MICRO
COD:A000053
STORE.ARDUINO.CC/ARDUINO-MICRO
TECH SPECS:
MICROCONTROLLER ATMEGA32U4
OPERATING VOLTAGE 5V
INPUT VOLTAGE (RECOMMENDED) 7-12V
INPUT VOLTAGE (LIMIT) 6-20V
DIGITAL I/O PINS 20
PWM CHANNELS 7
ANALOG INPUT CHANNELS 12
DC CURRENT PER I/O PIN 20 MA
DC CURRENT FOR 3.3V PIN 50 MA
FLASH MEMORY 32 KB (ATMEGA32U4) OF
WHICH 4 KB USED BY BOOTLOADER
SRAM
2.5 KB (ATMEGA32U4)
EEPROM 1 KB (ATMEGA32U4)
CLOCK SPEED 16 MHZ
LED_BUILTIN 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com