Electronic Components Datasheet Search
  English  ▼

X  

ASX00007 Datasheet(PDF) 9 Page - Arduino

Part # ASX00007
Description  ARDUINO, YOUR GATEWAT TO A WORLD FULL OF INVENTIONS
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARDUINO [Arduino]
Direct Link  https://www.arduino.cc/
Logo ARDUINO - Arduino

ASX00007 Datasheet(HTML) 9 Page - Arduino

Back Button ASX00007 Datasheet HTML 5Page - Arduino ASX00007 Datasheet HTML 6Page - Arduino ASX00007 Datasheet HTML 7Page - Arduino ASX00007 Datasheet HTML 8Page - Arduino ASX00007 Datasheet HTML 9Page - Arduino ASX00007 Datasheet HTML 10Page - Arduino ASX00007 Datasheet HTML 11Page - Arduino ASX00007 Datasheet HTML 12Page - Arduino ASX00007 Datasheet HTML 13Page - Arduino Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 49 page
background image
9
SIMILAR TO AN ARDUINO UNO, CAN BE RECOGNIZED
BY COMPUTER AS A MOUSE OR KEYBOARD.
The
ARDUINO LEONARDO is a microcontroller board
based on the ATmega32u4 (datasheet). It has 20 digital
input/output pins (of which 7 can be used as PWM outputs
and 12 as analog inputs), a 16 MHz crystal oscillator, a
micro USB connection, a power jack, an ICSP header, and
a reset button. It contains everything needed to support
the microcontroller; simply connect it to a computer with
a USB cable or power it with a AC-to-DC adapter or battery
to get started.
The Leonardo differs from all preceding boards in that the
ATmega32u4 has built-in USB communication, eliminating
the need for a secondary processor. This allows the
Leonardo to appear to a connected computer as a mouse and
keyboard, in addition to a virtual (CDC) serial / COM
port. It also has other implications for the behavior of
the board; these are detailed on the getting started page.
Getting Started
LEONARDO
COD:A000052/ A000057
STORE.ARDUINO.CC/ARDUINO-LEONARDO
TECH SPECS:
MICROCONTROLLER ATMEGA32U4
OPERATING VOLTAGE 5V
INPUT VOLTAGE (RECOMMENDED) 7-12V
INPUT VOLTAGE (LIMITS) 6-20V
DIGITAL I/O PINS 20
PWM CHANNELS 7
ANALOG INPUT CHANNELS 12
DC CURRENT PER I/O PIN 40 MA
DC CURRENT FOR 3.3V PIN 50 MA
FLASH MEMORY 32 KB (ATMEGA32U4) OF
WHICH 4 KB USED BY BOOTLOADER
SRAM 2.5 KB (ATMEGA32U4)
EEPROM 1 KB (ATMEGA32U4)
CLOCK SPEED 16 MHZ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com