Electronic Components Datasheet Search
  English  ▼

X  

ASX00007 Datasheet(PDF) 34 Page - Arduino

Part # ASX00007
Description  ARDUINO, YOUR GATEWAT TO A WORLD FULL OF INVENTIONS
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARDUINO [Arduino]
Direct Link  https://www.arduino.cc/
Logo ARDUINO - Arduino

ASX00007 Datasheet(HTML) 34 Page - Arduino

Back Button ASX00007 Datasheet HTML 30Page - Arduino ASX00007 Datasheet HTML 31Page - Arduino ASX00007 Datasheet HTML 32Page - Arduino ASX00007 Datasheet HTML 33Page - Arduino ASX00007 Datasheet HTML 34Page - Arduino ASX00007 Datasheet HTML 35Page - Arduino ASX00007 Datasheet HTML 36Page - Arduino ASX00007 Datasheet HTML 37Page - Arduino ASX00007 Datasheet HTML 38Page - Arduino Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 49 page
background image
34
LOW POWER, LONG RANGE CONNECTIVITY IN THE COMPACT
MKR FORM FACTOR.
MKR WAN 1300 is a practical and cost effective
solution to add LoRa connectivity to your projects. It is
based on a Microchip ATSAMD21 MCU and Murata CMWX1ZZABZ
LoRa module. This board is ideal for projects that
require low power consumption over long distances, in
dense urban or indoor areas, or rural regions. You can
check www.lora-alliance.org for operators covering your
area, or setup your own gateway.
The design includes the ability to power the board using
two 1.5V AA or AAA batteries or external 5V. Switching
from one source to another is done automatically. MKR
WAN 1300 is able to run, however, with or without the
batteries connected.
MKR WAN 1300
COD:ABX00017-B
STORE.ARDUINO.CC/ARDUI-
NO-MKR-WAN-1300
TECH SPEC:
MICROCONTROLLER MICROCHIP ATSAMD21
(ARM CORTEX-M0+ PROCESSOR)
BOARD POWER SUPPLY (USB/VIN) 5V
SUPPORTED BATTERIES(*) 2X AA OR
AAA
CIRCUIT OPERATING VOLTAGE 3.3V
DIGITAL I/O PINS 8
PWM PINS 12 (0, 1, 2, 3, 4, 5, 6,
7, 8, 10, A3 - OR 18 -, A4 -OR 19)
UART 1
SPI 1
I2C 1
ANALOG INPUT PINS 7 (ADC 8/10/12
BIT)
ANALOG OUTPUT PINS 1 (DAC 10 BIT)
EXTERNAL INTERRUPTS 8 (0, 1, 4, 5,
6, 7, 8, A1 -OR 16-, A2 - OR 17)
DC CURRENT PER I/O PIN 7 MA
FLASH MEMORY 256 KB
SRAM 32 KB
EEPROM N/A
CLOCK SPEED 32.768 KHZ (RTC), 48
MHZ
LED_BUILTIN 6
FULL-SPEED USB DEVICE AND EMBED-
DED HOST
ANTENNA POWER 2DB
CARRIER FREQUENCY 433/868/915 MHZ
WORKING REGION EU/US



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com