Electronic Components Datasheet Search
  English  ▼

X  

ASX00007 Datasheet(PDF) 26 Page - Arduino

Part # ASX00007
Description  ARDUINO, YOUR GATEWAT TO A WORLD FULL OF INVENTIONS
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARDUINO [Arduino]
Direct Link  https://www.arduino.cc/
Logo ARDUINO - Arduino

ASX00007 Datasheet(HTML) 26 Page - Arduino

Back Button ASX00007 Datasheet HTML 22Page - Arduino ASX00007 Datasheet HTML 23Page - Arduino ASX00007 Datasheet HTML 24Page - Arduino ASX00007 Datasheet HTML 25Page - Arduino ASX00007 Datasheet HTML 26Page - Arduino ASX00007 Datasheet HTML 27Page - Arduino ASX00007 Datasheet HTML 28Page - Arduino ASX00007 Datasheet HTML 29Page - Arduino ASX00007 Datasheet HTML 30Page - Arduino Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 49 page
background image
26
For more info visit:
arduino.cc/education
Powerful, compact, and ready to go! Easier IoT Application
Development Arduino MKR boards combine the power of a 32-bit
Arm microcontroller with a choice of integrated WiFi, GSM,
NB-IoT, SigFox or LoRa connectivity.
They’re supported by
the same Arduino IDE which is familiar to millions of users
— making IoT accessible to beginners, and productive for
professionals.
Production Ready
Arduino MKR boards are designed with end products in mind. All
boards are FCC, RoHS and CE certified, with robust mechanical
design ideal for industrial applications when combined with
the RS 485, CAN or Ethernet shields. A dedicated crypto
chip means efficient, secure Internet connectivity with TLS
support.
Long Battery Life, Small Form-Factor
Arduino MKR boards can be powered by a rechargeable LiPo
battery using the built-in connector and circuit protection,
making it easy to create remote sensor applications. With a
low-power Arm Cortex-M0+ microcontroller supporting sleep
modes and wake-on-interrupt, it’s designed to last longer
on smaller batteries.
From agriculture to smart homes, you can find the right
solution for your next IoT project.
THE PANINI CONCEPT: BUILD YOUR “A LA CARTE” CONFIGURATION
Pick up a MKR board, and mix-and-match with desired shields
and carrier boards. Create custom hardware configurations
for your IoT project as easily as making a sandwich!
ARDUINO
MKR FAMILY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com