Electronic Components Datasheet Search
  English  ▼

X  

ASX00007 Datasheet(PDF) 44 Page - Arduino

Part # ASX00007
Description  ARDUINO, YOUR GATEWAT TO A WORLD FULL OF INVENTIONS
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARDUINO [Arduino]
Direct Link  https://www.arduino.cc/
Logo ARDUINO - Arduino

ASX00007 Datasheet(HTML) 44 Page - Arduino

Back Button ASX00007 Datasheet HTML 40Page - Arduino ASX00007 Datasheet HTML 41Page - Arduino ASX00007 Datasheet HTML 42Page - Arduino ASX00007 Datasheet HTML 43Page - Arduino ASX00007 Datasheet HTML 44Page - Arduino ASX00007 Datasheet HTML 45Page - Arduino ASX00007 Datasheet HTML 46Page - Arduino ASX00007 Datasheet HTML 47Page - Arduino ASX00007 Datasheet HTML 48Page - Arduino Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 49 page
background image
44
The
MKR2UNO ADAPTER allows you to turn your Arduino
UNO form factor based project into a MKR based one
without too much effort! You can so upgrade your project
with a powerful board with integrated LiPo battery
charger. Please note that currently the MKR2UNO adapter
is compatible only with MKR1000 without headers
OVERVIEW:
OPERATING VOLTAGE 3.3V
INPUT VOLTAGE (RECOMMENDED) 7-12V
INPUT VOLTAGE (LIMIT) 6-16V
ANALOG INPUT PINS 6
ANALOG OUTPUT PINS 1
DIGITAL I/O PINS 14
DC CURRENT FOR 3.3V PIN 700 MA
DC CURRENT FOR 5V PIN 700 MA
MKR2UNO ADAPTER
COD:TSX00005
STORE.ARDUINO.CC/MKR2UNO-ADAPTER
SIMPLY MOUNT YOUR MKR1000 TO THIS NEW ADAPTER
AND PLUG IN ANY OF YOUR UNO SHIELDS!



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com