Electronic Components Datasheet Search
  English  ▼

X  

ASX00007 Datasheet(PDF) 30 Page - Arduino

Part # ASX00007
Description  ARDUINO, YOUR GATEWAT TO A WORLD FULL OF INVENTIONS
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARDUINO [Arduino]
Direct Link  https://www.arduino.cc/
Logo ARDUINO - Arduino

ASX00007 Datasheet(HTML) 30 Page - Arduino

Back Button ASX00007 Datasheet HTML 26Page - Arduino ASX00007 Datasheet HTML 27Page - Arduino ASX00007 Datasheet HTML 28Page - Arduino ASX00007 Datasheet HTML 29Page - Arduino ASX00007 Datasheet HTML 30Page - Arduino ASX00007 Datasheet HTML 31Page - Arduino ASX00007 Datasheet HTML 32Page - Arduino ASX00007 Datasheet HTML 33Page - Arduino ASX00007 Datasheet HTML 34Page - Arduino Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 49 page
background image
30
ENTER THE WORLD OF FPGA, AND ENDLESS PROJECT
POSSIBILITIES.
The power and flexibility of FPGA is now accessible to
everyone! Add custom peripherals for your project, or
learn about the fundamentals of chip design, all from
within an easy-to-use Arduino environment.
Connect a MIPI camera for machine vision applications, or
drive a video display via micro HDMI. Control precision
robotics systems with a quadrature encoder, or high
resolution PWM. Add more hardware UARTs, quad SPI, I2C,
I2S audio, Sigma Delta DACs... each FPGA pin can toggle
up to 150 MHz, and be configured to whatever function you
need.
As a MKR board,
VIDOR 4000 also has a familiar MCU
onboard, and standard MKR pinout. An additional MiniPCI
Express connector gives the FPGA even more I/O options.
Last but not least, an onboard BLE and WiFi module means
you can easily connect your applications. Vidor 4000
offers more project possibilities than ever before.
MKR VIDOR 4000
COD:ABX00022
STORE.ARDUINO.CC/ARDUINO-VI-
DOR-4000
TECH SPECS FPGA:
INTEL CYCLONE 10CL016, MINI PCI
EXPRESS PORT WITH PROGRAMMABLE
PINS
CAMERA CONNECTOR MIPI CAMERA CON-
NECTOR
CIRCUIT OPERATING VOLTAGE 3.3V
DIGITAL I/O PINS 22 HEADERS + 25
MINI PCI EXPRESS
PWM PINS ALL PINS
UART UP TO 7
SPI UP TO 7
I2C UP TO 7
ANALOG INPUT PINS N/A
ANALOG OUTPUT PINS N/A
EXTERNAL INTERRUPTS N/A
DC CURRENT PER I/O PIN 4MA OR 8MA
FLASH MEMORY 2 MB
SRAM 8 MB
EEPROM N/A
CLOCK SPEED 48 MHZ - UP TO 200 MHZ
VIDEO OUTPUT MINI HDMI
TECH SPECS MICROCONTROLLER:
MICROCONTROLLER MICROCHIP ATSAMD21
(ARM CORTEX-M0+ PROCESSOR)
WIFI U-BLOX NINA-W102
BOARD POWER SUPPLY (USB/VIN) 5V
SUPPORTED BATTERY LI-PO SINGLE
CELL, 3.7V, 700MAH
MINIMUM
CIRCUIT OPERATING VOLTAGE 3.3V
DIGITAL I/O PINS 22
PWM PINS 12 (0, 1, 2, 3, 4, 5, 6,
7, 8, 10, A3 - OR 18 -, A4 -OR 19)
UART 1
SPI 1
I2C 1
ANALOG INPUT PINS 7 (ADC 8/10/12
BIT)
ANALOG OUTPUT PINS 1 (DAC 10 BIT)
EXTERNAL INTERRUPTS 8 (0, 1, 4, 5,
6, 7, 8, A1 -OR 16-, A2 - OR 17)
DC CURRENT PER I/O PIN 7 MA
FLASH MEMORY 256 KB
SRAM 32 KB
EEPROM N/A
CLOCK SPEED 32.768 KHZ (RTC), 48
MHZ
LED_BUILTIN 32
FULL-SPEED USB DEVICE AND EMBEDDED
HOST INCLUDED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com