Electronic Components Datasheet Search
  English  ▼

X  

ASX00007 Datasheet(PDF) 47 Page - Arduino

Part # ASX00007
Description  ARDUINO, YOUR GATEWAT TO A WORLD FULL OF INVENTIONS
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARDUINO [Arduino]
Direct Link  https://www.arduino.cc/
Logo ARDUINO - Arduino

ASX00007 Datasheet(HTML) 47 Page - Arduino

Back Button ASX00007 Datasheet HTML 41Page - Arduino ASX00007 Datasheet HTML 42Page - Arduino ASX00007 Datasheet HTML 43Page - Arduino ASX00007 Datasheet HTML 44Page - Arduino ASX00007 Datasheet HTML 45Page - Arduino ASX00007 Datasheet HTML 46Page - Arduino ASX00007 Datasheet HTML 47Page - Arduino ASX00007 Datasheet HTML 48Page - Arduino ASX00007 Datasheet HTML 49Page - Arduino  
Zoom Inzoom in Zoom Outzoom out
 47 / 49 page
background image
47
The
MKR PROTO SHIELD is a prototyping shield
designed for your MKR board. This shield easily plugs
onto your MKR using its provided female/male headers,
and offers a duplicate breakout for each pin on the board
along with many solderable through-holes on a standard
0.1” grid (2.54mm).
OVERVIEW:
DIGITAL I/O PINS 21
PWM DIGITAL I/O PINS DEPENDING ON THE BOARD
ANALOG INPUT PINS 7
ANALOG OUTPUT PINS DEPENDING ON THE BOARD
DC CURRENT PER I/O PINDEPENDING ON THE BOARD
DC CURRENT FOR 3.3V PIN DEPENDING ON THE BOARD
DC CURRENT FOR 5V PIN DEPENDING ON THE BOARD
MKR PROTO SHIELD
COD: TSX00001
STORE.ARDUINO.CC/MKR-PROTO-SHIELD
THE PROTOTYPING SHIELD DESIGNED FOR YOUR MKR
BOARD!



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com