Electronic Components Datasheet Search
  English  ▼

X  

ASX00007 Datasheet(PDF) 31 Page - Arduino

Part # ASX00007
Description  ARDUINO, YOUR GATEWAT TO A WORLD FULL OF INVENTIONS
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARDUINO [Arduino]
Direct Link  https://www.arduino.cc/
Logo ARDUINO - Arduino

ASX00007 Datasheet(HTML) 31 Page - Arduino

Back Button ASX00007 Datasheet HTML 27Page - Arduino ASX00007 Datasheet HTML 28Page - Arduino ASX00007 Datasheet HTML 29Page - Arduino ASX00007 Datasheet HTML 30Page - Arduino ASX00007 Datasheet HTML 31Page - Arduino ASX00007 Datasheet HTML 32Page - Arduino ASX00007 Datasheet HTML 33Page - Arduino ASX00007 Datasheet HTML 34Page - Arduino ASX00007 Datasheet HTML 35Page - Arduino Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 49 page
background image
31
STEP INTO THE INTERNET OF THINGS WORLD, WITH THIS
POWERFUL, ROBUST BOARD IN THE COMPACT MKR FORM FACTOR.
Arduino
MKR1000 has been designed to offer a practical
and cost effective solution for anyone seeking to add WiFi
connectivity to their projects with minimal experience in
networking. The design includes a Li-Po charging circuit
that allows the Arduino MKR1000 to run on battery power or
external 5V, charging the Li-Po battery while running on
external power. Switching from one source to the other is
done automatically.
The MKR1000 has an 32-bit Arm Cortex-M0+ processor, the
usual rich set of I/O interfaces, and low power WiFi
with a crypto-chip for secure communication. You can
program it using the familiar, easy-to-use
Arduino
Software (IDE). All of these features make this board the
preferred choice for the emerging IoT battery-powered
projects in a compact form factor.
MKR 1000 WIFI
COD:ABX00004/ABX00011
STORE.ARDUINO.CC/ARDUINO-MKR1000
TECH SPECS:
MICROCONTROLLER MICROCHIP ATSAMD21
(ARM CORTEX-M0+ PROCESSOR)
BOARD POWER SUPPLY (USB/VIN) 5V
SUPPORTED BATTERY(*) LI-PO SINGLE
CELL, 3.7V, 700MAH
MINIMUM CIRCUIT OPERATING VOLTAGE
3.3V
DIGITAL I/O PINS 8
PWM PINS 12 (0, 1, 2, 3, 4, 5, 6,
7, 8, 10, A3 - OR 18 -, A4 -OR 19)
UART 1
SPI 1
I2C 1
ANALOG INPUT PINS 7 (ADC 8/10/12
BIT)
ANALOG OUTPUT PINS 1 (DAC 10 BIT)
EXTERNAL INTERRUPTS 8 (0, 1, 4, 5,
6, 7, 8, A1 -OR 16-, A2 - OR 17)
DC CURRENT PER I/O PIN 7 MA
FLASH MEMORY 256 KB
SRAMÌ 32 KB
EEPROM N/A
CLOCK SPEED 32.768 KHZ (RTC), 48
MHZ
LED_BUILTIN 6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com