Electronic Components Datasheet Search
  English  ▼

X  

ADS7066 Datasheet(PDF) 34 Page - Texas Instruments

Click here to check the latest version.
Part # ADS7066
Description  ADS7066 Small, 8-Channel, 16-Bit, 250-kSPS SAR ADC With GPIOs
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS7066 Datasheet(HTML) 34 Page - Texas Instruments

Back Button ADS7066 Datasheet HTML 30Page - Texas Instruments ADS7066 Datasheet HTML 31Page - Texas Instruments ADS7066 Datasheet HTML 32Page - Texas Instruments ADS7066 Datasheet HTML 33Page - Texas Instruments ADS7066 Datasheet HTML 34Page - Texas Instruments ADS7066 Datasheet HTML 35Page - Texas Instruments ADS7066 Datasheet HTML 36Page - Texas Instruments ADS7066 Datasheet HTML 37Page - Texas Instruments ADS7066 Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 48 page
background image
Table 7-25. DIAGNOSTICS_EN Register Field Descriptions (continued)
Bit
Field
Type
Reset
Description
4
VTEST_EN
R/W
0b
Enable measurement of internal 1.8 V (typical) test voltage using
AIN6. When using this mode, AIN6 pin should not be left floating and
should not be connected to any external circuit. If BITWALK_EN =
1b, this bit has no effect.
0b = Normal operation.
1b = AIN6 is internally connected to 1.8V (typical) test voltage. AIN6
pin should be floating and should not be connected to any external
circuit.
3-1
RESERVED
R
000b
Reserved Bit
0
BITWALK_EN
R/W
0b
Enable bit-walk mode of the ADC bit decisions.
0b = Normal operation.
1b = Bit walk mode enabled.
7.5.16 BIT_SAMPLE_LSB Register (Address = 0xC1) [Reset = 0x00]
BIT_SAMPLE_LSB is shown in BIT_SAMPLE_LSB Register Field Descriptions.
Return to the Summary Table.
Table 7-26. BIT_SAMPLE_LSB Register Field Descriptions
Bit
Field
Type
Reset
Description
7-0
BIT_SAMPLE_LSB[7:0]
R/W
00000000b
Define the [7:0] bit positions during sampling phase of the ADC. This
field has no effet when DIAG_EN = 0.
7.5.17 BIT_SAMPLE_MSB Register (Address = 0xC2) [Reset = 0x00]
BIT_SAMPLE_MSB is shown in BIT_SAMPLE_MSB Register Field Descriptions.
Return to the Summary Table.
Table 7-27. BIT_SAMPLE_MSB Register Field Descriptions
Bit
Field
Type
Reset
Description
7-0
BIT_SAMPLE_MSB[7:0]
R/W
00000000b
Define the [15:8] bit positions during sampling phase of the ADC.
This field has no effet when DIAG_EN = 0.
ADS7066
SBAS928B – FEBRUARY 2020 – REVISED MAY 2023
www.ti.com
34
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: ADS7066



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com