Electronic Components Datasheet Search
  English  ▼

X  

ADS7066 Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # ADS7066
Description  ADS7066 Small, 8-Channel, 16-Bit, 250-kSPS SAR ADC With GPIOs
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS7066 Datasheet(HTML) 24 Page - Texas Instruments

Back Button ADS7066 Datasheet HTML 20Page - Texas Instruments ADS7066 Datasheet HTML 21Page - Texas Instruments ADS7066 Datasheet HTML 22Page - Texas Instruments ADS7066 Datasheet HTML 23Page - Texas Instruments ADS7066 Datasheet HTML 24Page - Texas Instruments ADS7066 Datasheet HTML 25Page - Texas Instruments ADS7066 Datasheet HTML 26Page - Texas Instruments ADS7066 Datasheet HTML 27Page - Texas Instruments ADS7066 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 48 page
background image
7.3.10.3.2 Register Read
A register read operation consists of two SPI frames: the first SPI frame initiates a register read and the second
SPI frame reads data from the register address provided in the first frame. As shown in Figure 7-10, the read
command (0001 0000b), the 8-bit register address, and the 8-bit dummy data are sent over the SDI pin during
the first 24-bit frame. On the rising edge of CS, the read command is decoded and the requested register data
are available for reading during the next frame. During the second frame, the first eight bits on SDO correspond
to the requested register read. During the second frame, SDI can be used to initiate another operation or can be
set to 0.
18
10
2
8
1
CS
SCLK
SDO
0001 0000b
(RD_REG)
SDI
16
9
8-bit Address
24
17
0000 0000b
18
10
2
8
1
8-bit Register Data
Command
16
9
8-bit Address
24
17
8-bit Data
Optional; can set SDI = 0
Figure 7-10. Register Read Operation
7.3.10.3.2.1 Register Read With CRC
A register read consists of two SPI frames, as described in the Register Read section. When the CRC module is
enabled during a register read, as shown in Figure 7-11, the device appends an 8-bit output CRC byte along with
8-bit register data. The output CRC is computed by the device on the 8-bit register data.
17
16
8
1
CS
SCLK
SDO
0001 0000b
(RD_REG)
SDI
9
8-bit
Address
NOP (SDI = 0)
Input
CRC[7:0]
0000
0000b
24
Input
CRC[7:0]
25
32
Register
Data
Output
CRC[7:0]
Data Payload (24 bit)
Input CRC is calculated
on 24 bit payload
Data Payload (8 bit)
Output CRC is calculated on 8 bit payload
17
16
8
1
9
24
25
32
Data Payload (24 bit)
Input CRC is calculated
on 24 bit payload
Figure 7-11. Register Read With CRC
ADS7066
SBAS928B – FEBRUARY 2020 – REVISED MAY 2023
www.ti.com
24
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: ADS7066



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com