Electronic Components Datasheet Search
  English  ▼

X  

ADS7066 Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # ADS7066
Description  ADS7066 Small, 8-Channel, 16-Bit, 250-kSPS SAR ADC With GPIOs
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS7066 Datasheet(HTML) 22 Page - Texas Instruments

Back Button ADS7066 Datasheet HTML 18Page - Texas Instruments ADS7066 Datasheet HTML 19Page - Texas Instruments ADS7066 Datasheet HTML 20Page - Texas Instruments ADS7066 Datasheet HTML 21Page - Texas Instruments ADS7066 Datasheet HTML 22Page - Texas Instruments ADS7066 Datasheet HTML 23Page - Texas Instruments ADS7066 Datasheet HTML 24Page - Texas Instruments ADS7066 Datasheet HTML 25Page - Texas Instruments ADS7066 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 48 page
background image
7.3.10.2 Daisy-Chain Mode
The ADS7066 can operate as a single converter or in a system with multiple converters. System designers
can take advantage of the simple, high-speed, enhanced-SPI serial interface by cascading converters in a
daisy-chain configuration when multiple converters are used. No register configuration is required to enable
daisy-chain mode. Figure 7-7 shows a typical connection of three converters in daisy-chain mode.
ADS7066
(ADC C)
SDO
SDI
CS
SCLK
ADS7066
(ADC B)
SDO
SDI
CS
SCLK
ADS7066
(ADC A)
SDO
SDI
CS
SCLK
Host
MISO
MOSI
SCLK
CS
Figure 7-7. Multiple Converters Connected Using Daisy-Chain Mode
When the ADS7066 is connected in daisy-chain mode, the serial input data passes through the ADS7066 with a
24-SCLK delay, as long as CS is active. Figure 7-8 shows a detailed timing diagram of this mode. In Figure 7-8,
the conversion in each converter is performed simultaneously.
CS
SCLK
1
Sample ADC A
Sample ADC B
Sample ADC C
tCONV
24
25
48
49
72
ADC C
ADC B
ADC A
MISO
DIN for
ADC C
MOSI
DIN for
ADC B
DIN for
ADC A
Figure 7-8. Simplified Daisy-Chain Mode Timing
The ADS7066 supports daisy-chain mode for output data payloads up to 24 bits long; see the Output Data
Format section for more details. If either the status flags or channel ID are appended (APPEND_STATUS ≠ 00b)
and the CRC module is enabled (CRC_EN = 1b), then the serial input data does not pass through the ADS7066
and daisy-chain mode is disabled.
ADS7066
SBAS928B – FEBRUARY 2020 – REVISED MAY 2023
www.ti.com
22
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: ADS7066



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com