Electronic Components Datasheet Search
  English  ▼

X  

ADS7066 Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # ADS7066
Description  ADS7066 Small, 8-Channel, 16-Bit, 250-kSPS SAR ADC With GPIOs
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS7066 Datasheet(HTML) 20 Page - Texas Instruments

Back Button ADS7066 Datasheet HTML 16Page - Texas Instruments ADS7066 Datasheet HTML 17Page - Texas Instruments ADS7066 Datasheet HTML 18Page - Texas Instruments ADS7066 Datasheet HTML 19Page - Texas Instruments ADS7066 Datasheet HTML 20Page - Texas Instruments ADS7066 Datasheet HTML 21Page - Texas Instruments ADS7066 Datasheet HTML 22Page - Texas Instruments ADS7066 Datasheet HTML 23Page - Texas Instruments ADS7066 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 48 page
background image
CS
SCLK
MSB
SDO
16 bit ADC data
1
2
16
17
18
LSB
MSB
SDO
20 bit averaged ADC data
LSB
19
20
Channel ID / Status Flags
4 bits optional
Channel ID / Status Flags
4 bits optional
22
23
24
Data output when averaging is disabled
OSR[2:0] = 00b
Data output when averaging is enabled
OSR[2:0] > 00b
21
Figure 7-4. SPI Frames for Reading Data
7.3.9.1 Status Flags
Status flags can be appended to the ADC output by setting APPEND_STATUS = 10b. The status flag is
appended only to frames where ADC data are being read. Status flags are not appended to data corresponding
to a register read operation or when FIX_PAT = 1b. The 4-bit status flag field is constructed as follows:
Status flag[3:0] = { 1, VTEST_MODE, CRCERR_IN, DIAG_MODE }
where:
• VTEST_MODE: This flag is set if the current data frame corresponds to fixed voltage test mode (see the
Fixed Voltage Test Mode section).
• CRCERR_IN: This flag indicates the status of the CRC verification of data received from the digital interface.
This flag is the same as the CRCERR_IN bit in the SYSTEM_STATUS register.
• DIAG_MODE: This flag is set if the current data frame corresponds to the bit-walk test mode (see the
Bit-Walk Test Mode section).
7.3.9.2 Output CRC (Device to Host)
A CRC byte can be appended to the output data by configuring CRC_EN to 1b. When the CRC module is
enabled, the host must use 32-bit frames for SPI communication. The device outputs the data payload followed
by the CRC byte computed over the data payload. Additional 0s can be appended by the ADC after the
CRC byte to complete the 32-bit SPI frame (see Table 7-4). The host must compute and compare the CRC
corresponding to the data payload with the CRC received from the ADC. The additional 0s appended by the
device after the CRC byte must be excluded by the host for computing the CRC.
7.3.9.3 Input CRC (Host to Device)
When the CRC module is enabled, the host must always communicate with the ADC using 32-bit SPI frames
comprised of a 24-bit data payload and an 8-bit CRC byte. The host must calculate the CRC byte to be
appended based on a 24-bit payload. The ADC computes a CRC over the 24-bit data payload and compares the
result with the CRC received from the host.Table 7-4 lists the output data frames for the CRC_EN bit.
ADS7066
SBAS928B – FEBRUARY 2020 – REVISED MAY 2023
www.ti.com
20
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: ADS7066



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com