Electronic Components Datasheet Search
  English  ▼

X  

ADS7066 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # ADS7066
Description  ADS7066 Small, 8-Channel, 16-Bit, 250-kSPS SAR ADC With GPIOs
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS7066 Datasheet(HTML) 3 Page - Texas Instruments

  ADS7066 Datasheet HTML 1Page - Texas Instruments ADS7066 Datasheet HTML 2Page - Texas Instruments ADS7066 Datasheet HTML 3Page - Texas Instruments ADS7066 Datasheet HTML 4Page - Texas Instruments ADS7066 Datasheet HTML 5Page - Texas Instruments ADS7066 Datasheet HTML 6Page - Texas Instruments ADS7066 Datasheet HTML 7Page - Texas Instruments ADS7066 Datasheet HTML 8Page - Texas Instruments ADS7066 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 48 page
background image
5 Pin Configuration and Functions
1
2
3
4
12
11
10
9
Thermal
Pad
AIN2 / GPIO2
AIN3 / GPIO3
AIN4 / GPIO4
AIN5 / GPIO5
GND
SDO
CS
DVDD
Figure 5-1. RTE Package (Preview), 16-Pin WQFN (Top View)
Table 5-1. Pin Functions: RTE Package
PIN
TYPE(1)
DESCRIPTION
NAME
RTE
AIN0/GPIO0
15
AI, DI, DO
Channel 0; configurable as either an analog input (default) or general-purpose
input/output (GPIO).
AIN1/GPIO1
16
AI, DI, DO
Channel 1; configurable as either an analog input (default) or GPIO.
AIN2/GPIO2
1
AI, DI, DO
Channel 2; configurable as either an analog input (default) or GPIO.
AIN3/GPIO3
2
AI, DI, DO
Channel 3; configurable as either an analog input (default) or GPIO.
AIN4/GPIO4
3
AI, DI, DO
Channel 4; configurable as either an analog input (default) or GPIO.
AIN5/GPIO5
4
AI, DI, DO
Channel 5; configurable as either an analog input (default) or GPIO.
AIN6/GPIO6
5
AI, DI, DO
Channel 6; configurable as either an analog input (default) or GPIO.
AIN7/GPIO7
6
AI, DI, DO
Channel 7; configurable as either an analog input (default) or GPIO.
AVDD
7
P
Analog supply voltage. Connect a 1-µF capacitor to GND.
CS
11
DI
Chip-select input pin; active low.
The device takes control of the data bus when CS is low.
The SDO pin goes to Hi-Z when CS is high.
DVDD
10
P
Digital I/O supply voltage. Connect a 1-µF capacitor to GND.
GND
9
P
Ground for power supply, all analog and digital signals are referred to this pin.
REF
8
P
Internal reference buffer output; external reference input. Connect a 1-µF capacitor
to GND.
SCLK
13
DI
Clock input pin for the SPI interface.
SDI
14
DI
Serial data input pin for SPI interface.
SDO
12
DO
Serial data output pin for SPI interface.
Thermal Pad
Pad
P
Exposed thermal pad. Connect to ground.
(1)
AI = analog input, DI = digital input, DO = digital output, P = power supply.
www.ti.com
ADS7066
SBAS928B – FEBRUARY 2020 – REVISED MAY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: ADS7066



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com