Electronic Components Datasheet Search
  English  ▼

X  

ADS7066 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # ADS7066
Description  ADS7066 Small, 8-Channel, 16-Bit, 250-kSPS SAR ADC With GPIOs
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS7066 Datasheet(HTML) 11 Page - Texas Instruments

Back Button ADS7066 Datasheet HTML 7Page - Texas Instruments ADS7066 Datasheet HTML 8Page - Texas Instruments ADS7066 Datasheet HTML 9Page - Texas Instruments ADS7066 Datasheet HTML 10Page - Texas Instruments ADS7066 Datasheet HTML 11Page - Texas Instruments ADS7066 Datasheet HTML 12Page - Texas Instruments ADS7066 Datasheet HTML 13Page - Texas Instruments ADS7066 Datasheet HTML 14Page - Texas Instruments ADS7066 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 48 page
background image
6.9 Typical Characteristics (continued)
at TA = 25°C, AVDD = 5 V, DVDD = 1.65 V to 5.5 V, and maximum throughput (unless otherwise noted)
Free-Air Temperature (°C)
-40
-7
26
59
92
125
2
3.2
4.4
5.6
6.8
C006
Figure 6-9. Offset Error vs Temperature
Free-Air Temperature (qC)
-40
-7
26
59
92
125
0
0.001
0.002
0.003
0.004
0.005
C007
Figure 6-10. Gain Error vs Temperature
External Reference Voltage (V)
2.5
3
3.5
4
4.5
5
1.5
2
2.5
3
3.5
4
C016
Figure 6-11. Offset Error vs External Reference Voltage
External Reference Voltage (V)
2.5
3
3.5
4
4.5
5
-0.0015
-0.0005
0.0005
0.0015
0.0025
0.0035
C017
Figure 6-12. Gain Error vs External Reference Voltage
0
2500
5000
7500
10000
12500
15000
17500
20000
22500
25000
28
699
5687
18508
13131
2899
245
15
C001
Standard deviation = 1.05 LSB
Figure 6-13. DC Input Histogram
Frequency (Hz)
0
25000
50000
75000
100000
125000
-160
-120
-80
-40
0
C008
fIN = 2 kHz, SNR = 86.7 dBFS, THD = –97 dB
Figure 6-14. Typical FFT
www.ti.com
ADS7066
SBAS928B – FEBRUARY 2020 – REVISED MAY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: ADS7066



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com