Electronic Components Datasheet Search
  English  ▼

X  

ADS7066 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # ADS7066
Description  ADS7066 Small, 8-Channel, 16-Bit, 250-kSPS SAR ADC With GPIOs
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS7066 Datasheet(HTML) 7 Page - Texas Instruments

Back Button ADS7066 Datasheet HTML 3Page - Texas Instruments ADS7066 Datasheet HTML 4Page - Texas Instruments ADS7066 Datasheet HTML 5Page - Texas Instruments ADS7066 Datasheet HTML 6Page - Texas Instruments ADS7066 Datasheet HTML 7Page - Texas Instruments ADS7066 Datasheet HTML 8Page - Texas Instruments ADS7066 Datasheet HTML 9Page - Texas Instruments ADS7066 Datasheet HTML 10Page - Texas Instruments ADS7066 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 48 page
background image
6.5 Electrical Characteristics
at AVDD = 3 V to 5.5 V, DVDD = 1.65 V to 5.5 V, VREF = 2.5 V (internal), and maximum throughput (unless otherwise noted);
minimum and maximum values at TA = -40°C to +125°C; typical values at TA = 25°C.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ANALOG INPUTS
CIN
Input capacitance
ADC and MUX capacitance
30
pF
DC PERFORMANCE
Resolution
No missing codes
16
Bits
DNL
Differential nonlinearity
–0.75
±0.4
0.75
LSB
INL
Integral nonlinearity
–4
±1
4
LSB
V(OS)
Input offset error
Post offset calibration, OSR[2:0] = 7
–7
±0.5
7
LSB
dVOS/dT Input offset thermal drift
Post offset calibration, OSR[2:0] = 7
±0.6
ppm/°C
Offset error match
OSR[2:0] = 7
–2.75
0.5
2.75
LSB
GE
Gain error(1)
External VREF = 2.5 V, OSR[2:0] = 7
–0.05
±0.01
0.05
%FSR
dGE/dT
Gain error thermal drift
External VREF = 2.5 V, OSR[2:0] = 7
±0.5
ppm/°C
Gain error match
OSR[2:0] = 7
–0.005
±0.001
0.005
%FSR
AC PERFORMANCE
SINAD
Signal-to-noise + distortion ratio
fIN = 2 kHz, VREF = 2.5V (internal)
84.3
86.5
dB
fIN = 2 kHz, VREF = 5 V, AVDD = 5 V
88.75
91
SNR
Signal-to-noise ratio
fIN = 2 kHz, VREF = 2.5V (internal)
84.5
86.8
dB
fIN = 2 kHz, VREF = 5 V, AVDD = 5 V
90
91.9
THD
Total harmonic distortion
fIN = 2 kHz
–100
dB
SFDR
Spurious-free dynamic range
fIN = 2 kHz
101
dB
Isolation crosstalk
fIN = 10 kHz
–110
dB
REFERENCE
VREF
Internal reference output
voltage(3)
at TA= 25
℃
2.497
2.5
2.503
V
dVREF/dT
Internal reference voltage
temperature drift
6
19 ppm/°C
CREF
Decoupling capacitor at REF pin
1
10
µF
DIGITAL INPUTS
VIL
Input low logic level
For CS, SCLK and SDI pins
–0.3
0.3 DVDD
V
For GPIOX (2) pins
–0.3
0.3 AVDD
VIH
Input high logic level
For CS, SCLK and SDI pins
0.7 DVDD
DVDD
V
For GPIOX pins
0.7 AVDD
AVDD
DIGITAL OUTPUTS
VOL
Output low logic level
For SDO pin, IOL = 500 µA sink
0
0.2 DVDD
V
For GPIOX (2) pins, IOL = 500 µA sink
0
0.2 AVDD
VOH
Output high logic level
For SDO pin, IOH = 500 µA source
0.8 DVDD
DVDD
V
For GPIOX (2) pins, IOH = 500 µA source
0.8 AVDD
AVDD
POWER SUPPLY
IAVDD
Analog supply current
AVDD = 3.3 V, external reference
0.7
0.91
mA
AVDD = 3.3 V, internal reference
1.2
1.56
mA
No conversion, external reference
250
µA
No conversion, internal reference
800
µA
(1)
These specifications include full temperature range variation but not the error contribution from internal reference.
(2)
GPIOX refers to GPIO0, GPIO1, GPIO2, GPIO3, GPIO4, GPIO5, GPIO6, and GPIO7 pins.
(3)
Does not include the variation in voltage resulting from solder shift effects.
www.ti.com
ADS7066
SBAS928B – FEBRUARY 2020 – REVISED MAY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: ADS7066



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com