Electronic Components Datasheet Search
  English  ▼

X  

ADS7066 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # ADS7066
Description  ADS7066 Small, 8-Channel, 16-Bit, 250-kSPS SAR ADC With GPIOs
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS7066 Datasheet(HTML) 8 Page - Texas Instruments

Back Button ADS7066 Datasheet HTML 4Page - Texas Instruments ADS7066 Datasheet HTML 5Page - Texas Instruments ADS7066 Datasheet HTML 6Page - Texas Instruments ADS7066 Datasheet HTML 7Page - Texas Instruments ADS7066 Datasheet HTML 8Page - Texas Instruments ADS7066 Datasheet HTML 9Page - Texas Instruments ADS7066 Datasheet HTML 10Page - Texas Instruments ADS7066 Datasheet HTML 11Page - Texas Instruments ADS7066 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 48 page
background image
6.6 Timing Requirements
at AVDD = 3 V to 5 V, DVDD = 1.65 V to 5.5 V, and maximum throughput (unless otherwise noted); minimum and maximum
values at TA = –40°C to +125°C; typical values at TA = 25°C.
MIN
MAX
UNIT
CONVERSION CYCLE
fCYCLE
Sampling frequency
250
kSPS
tCYCLE
ADC cycle-time period
1/fCYCLE
s
tQUIET
Quiet acquisition time
20
ns
tACQ
Acquisition time
Acquisition
time
800
ns
tWH_CSZ
Pulse duration: CS high
220
ns
tWL_CSZ
Pulse duration: CS low
210
ns
SPI INTERFACE TIMINGS
fCLK
Maximum SCLK frequency
60
MHz
tCLK
Minimum SCLK time period
16.67
ns
tPH_CK
SCLK high time
0.45
0.55
tCLK
tPL_CK
SCLK low time
0.45
0.55
tCLK
tSU_CSCK
Setup time: CS falling to the first SCLK capture edge
15
ns
tSU_CKDI
Setup time: SDI data valid to the SCLK capture edge
6.4
ns
tHT_CKDI
Hold time: SCLK capture edge to data valid on SDI
4
ns
tD_CKCS
Delay time: last SCLK falling to CS rising
0.8
ns
6.7 Switching Characteristics
at AVDD = 3 V to 5.5 V, DVDD = 1.65 V to 5.5 V, and maximum throughput (unless otherwise noted); minimum and maximum
values at TA = –40°C to +125°C; typical values at TA = 25°C.
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
CONVERSION CYCLE
tCONV
ADC conversion time
3200
ns
RESET
tPU
Power-up time for device
AVDD ≥ 3 V
5
ms
tRST
Delay time; RST bit = 1b to device reset
complete(1)
5
ms
SPI INTERFACE TIMINGS
tDEN_CSDO
Delay time: CS falling to data enable
22
ns
tDZ_CSDO
Delay time: CS rising to SDO going Hi-Z
50
ns
tD_CKDO
Delay time: SCLK launch edge to (next)
data valid on SDO
16
ns
(1)
RST bit is automatically reset to 0b after tRST.
ADS7066
SBAS928B – FEBRUARY 2020 – REVISED MAY 2023
www.ti.com
8
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: ADS7066



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com