Electronic Components Datasheet Search
  English  ▼

X  

LP5860 Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # LP5860
Description  LP5861T 18-Channel High-Current LED Driver with 8-Bit Analog and 8-Bit or 16-Bit PWM Dimming
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP5860 Datasheet(HTML) 39 Page - Texas Instruments

Back Button LP5860 Datasheet HTML 35Page - Texas Instruments LP5860 Datasheet HTML 36Page - Texas Instruments LP5860 Datasheet HTML 37Page - Texas Instruments LP5860 Datasheet HTML 38Page - Texas Instruments LP5860 Datasheet HTML 39Page - Texas Instruments LP5860 Datasheet HTML 40Page - Texas Instruments LP5860 Datasheet HTML 41Page - Texas Instruments LP5860 Datasheet HTML 42Page - Texas Instruments LP5860 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 71 page
background image
Table 8-36. Dot_lod1 Register Field Descriptions (continued)
Bit
Field
Type
Default
Description
6
CS14_LOD_state
R
0h
CS14 LOD state
0h = Not open
1h = Open
5
CS13_LOD_state
R
0h
CS13 LOD state
0h = Not open
1h = Open
4
CS12_LOD_state
R
0h
CS12 LOD state
0h = Not open
1h = Open
3
CS11_LOD_state
R
0h
CS11 LOD state
0h = Not open
1h = Open
2
CS10_LOD_state
R
0h
CS10 LOD state
0h = Not open
1h = Open
1
CS9_LOD_state
R
0h
CS9 LOD state
0h = Not open
1h = Open
0
CS8_LOD_state
R
0h
CS8 LOD state
0h = Not open
1h = Open
8.6.5.4 Dot_lod2 Register (Address = 67h) [Default = 0h]
Dot_lod2 is shown in Figure 8-40 and described in Table 8-37.
Return to the Summary Table.
Figure 8-40. Dot_lod2 Register
7
6
5
4
3
2
1
0
RESERVED
CS17_LOD_sta
te
CS16_LOD_sta
te
R-0h
R-0h
R-0h
Table 8-37. Dot_lod2 Register Field Descriptions
Bit
Field
Type
Default
Description
7-2
RESERVED
R
0h
Reserved
1
CS17_LOD_state
R
0h
CS17 LOD state
0h = Not open
1h = Open
0
CS16_LOD_state
R
0h
CS16 LOD state
0h = Not open
1h = Open
www.ti.com
LP5861T
SNVSCE4 – MAY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
39
Product Folder Links: LP5861T



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com