Electronic Components Datasheet Search
  English  ▼

X  

LP5860 Datasheet(PDF) 40 Page - Texas Instruments

Click here to check the latest version.
Part # LP5860
Description  LP5861T 18-Channel High-Current LED Driver with 8-Bit Analog and 8-Bit or 16-Bit PWM Dimming
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP5860 Datasheet(HTML) 40 Page - Texas Instruments

Back Button LP5860 Datasheet HTML 36Page - Texas Instruments LP5860 Datasheet HTML 37Page - Texas Instruments LP5860 Datasheet HTML 38Page - Texas Instruments LP5860 Datasheet HTML 39Page - Texas Instruments LP5860 Datasheet HTML 40Page - Texas Instruments LP5860 Datasheet HTML 41Page - Texas Instruments LP5860 Datasheet HTML 42Page - Texas Instruments LP5860 Datasheet HTML 43Page - Texas Instruments LP5860 Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 71 page
background image
8.6.5.5 Dot_lsd0 Register (Address = 86h) [Default = 0h]
Dot_lsd0 is shown in Figure 8-41 and described in Table 8-38.
Return to the Summary Table.
Figure 8-41. Dot_lsd0 Register
7
6
5
4
3
2
1
0
CS7_LSD_state CS6_LSD_state CS5_LSD_state CS4_LSD_state CS3_LSD_state CS2_LSD_state CS1_LSD_state CS0_LSD_state
R-0h
R-0h
R-0h
R-0h
R-0h
R-0h
R-0h
R-0h
Table 8-38. Dot_lsd0 Register Field Descriptions
Bit
Field
Type
Default
Description
7
CS7_LSD_state
R
0h
CS7 LSD state
0h = Not short
1h = Short
6
CS6_LSD_state
R
0h
CS6 LSD state
0h = Not short
1h = Short
5
CS5_LSD_state
R
0h
CS5 LSD state
0h = Not short
1h = Short
4
CS4_LSD_state
R
0h
CS4 LSD state
0h = Not short
1h = Short
3
CS3_LSD_state
R
0h
CS3 LSD state
0h = Not short
1h = Short
2
CS2_LSD_state
R
0h
CS2 LSD state
0h = Not short
1h = Short
1
CS1_LSD_state
R
0h
CS1 LSD state
0h = Not short
1h = Short
0
CS0_LSD_state
R
0h
CS0 LSD state
0h = Not short
1h = Short
8.6.5.6 Dot_lsd1 Register (Address = 87h) [Default = 0h]
Dot_lsd1 is shown in Figure 8-42 and described in Table 8-39.
Return to the Summary Table.
Figure 8-42. Dot_lsd1 Register
7
6
5
4
3
2
1
0
CS15_LSD_stat
e
CS14_LSD_stat
e
CS13_LSD_stat
e
CS12_LSD_stat
e
CS11_LSD_stat
e
CS10_LSD_stat
e
CS9_LSD_state CS8_LSD_state
R-0h
R-0h
R-0h
R-0h
R-0h
R-0h
R-0h
R-0h
Table 8-39. Dot_lsd1 Register Field Descriptions
Bit
Field
Type
Default
Description
7
CS15_LSD_state
R
0h
CS15 LSD state
0h = Not short
1h = Short
6
CS14_LSD_state
R
0h
CS14 LSD state
0h = Not short
1h = Short
LP5861T
SNVSCE4 – MAY 2023
www.ti.com
40
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: LP5861T



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com