Electronic Components Datasheet Search
  English  ▼

X  

LP5860 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # LP5860
Description  LP5861T 18-Channel High-Current LED Driver with 8-Bit Analog and 8-Bit or 16-Bit PWM Dimming
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP5860 Datasheet(HTML) 16 Page - Texas Instruments

Back Button LP5860 Datasheet HTML 12Page - Texas Instruments LP5860 Datasheet HTML 13Page - Texas Instruments LP5860 Datasheet HTML 14Page - Texas Instruments LP5860 Datasheet HTML 15Page - Texas Instruments LP5860 Datasheet HTML 16Page - Texas Instruments LP5860 Datasheet HTML 17Page - Texas Instruments LP5860 Datasheet HTML 18Page - Texas Instruments LP5860 Datasheet HTML 19Page - Texas Instruments LP5860 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 71 page
background image
Frame N-1
Frame N
Figure 8-4. On Demand Data Refresh – Mode 1
Mode 2: 8-bit PWM data with VSYNC command. Data is held and sent out simultaneously by frame after
receiving the VSYNC command.
Mode 3: 16-bit PWM data with VSYNC command. Data is held and sent out simultaneously by frame after
receiving the VSYNC command.
Frame control is implemented in Mode 2 and Mode 3. Instead of refreshing the output instantly after data
is received (Mode 1), the device holds the data and refreshes the whole frame data by a fixed frame rate,
fVSYNC. Usually, 24 Hz, 50 Hz, 60 Hz, 120 Hz or even higher frame rate is selected to achieve vivid animation
effects. Whole SRAM Data Refresh is shown in Figure 8-5, a new frame is updated after receiving the VSYNC
command.
Frame N-1
Frame N
Figure 8-5. Whole SRAM Data Refresh
Comparing with Mode 1, Mode 2 and Mode 3 provide a better synchronization when multiple LP5861T devices
used together. A high-level pulse width longer than tSYNC_H is required at the beginning of each VSYNC frame.
Figure 8-6 shows the VSYNC connections and Figure 8-7 shows the timing requirements.
MCU
LP586x
LP586x
GPIO
SYNC
SYNC
Figure 8-6. Multiple Devices Sync
fVSYNC
t>tVSYNC_H
Figure 8-7. VSYNC Timing
Table 8-4 is the summary of the three data refresh modes.
Table 8-4. Data Refresh Mode
MODE TYPE
PWM RESOLUTION
PWM OUTPUT
EXTERNAL VSYNC
Mode 1
8 bits
Data update instantly
No
LP5861T
SNVSCE4 – MAY 2023
www.ti.com
16
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: LP5861T



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com