Electronic Components Datasheet Search
  English  ▼

X  

LP5860 Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # LP5860
Description  LP5861T 18-Channel High-Current LED Driver with 8-Bit Analog and 8-Bit or 16-Bit PWM Dimming
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP5860 Datasheet(HTML) 23 Page - Texas Instruments

Back Button LP5860 Datasheet HTML 19Page - Texas Instruments LP5860 Datasheet HTML 20Page - Texas Instruments LP5860 Datasheet HTML 21Page - Texas Instruments LP5860 Datasheet HTML 22Page - Texas Instruments LP5860 Datasheet HTML 23Page - Texas Instruments LP5860 Datasheet HTML 24Page - Texas Instruments LP5860 Datasheet HTML 25Page - Texas Instruments LP5860 Datasheet HTML 26Page - Texas Instruments LP5860 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 71 page
background image
MOSI
MISO
MCU
VIO_EN
GND
Device 0
SCLK
SS
VIO
VSYNC
MOSI
MISO
VIO_EN
GND
Device N
SCLK
SS
VSYNC
SS 0
SS N
IFS
IFS
VIO
VIO
Figure 8-16. SPI Multiple Devices Connection
8.6 Register Maps
Table 8-8 lists the memory-mapped registers of the device.
Table 8-8. Register Section/Block Access Type Codes
Access Type
Code
Description
Read Type
R
R
Read
RC
R
Read
C
to Clear
R-0
R
Read
-0
Returns 0
Write Type
W
W
Write
W0CP
W
W
0C
0 to clear
P
Requires privileged access
Reset or Default Value
-n
Value after reset or the default value
Register
Address Type
D7
D6
D5
D4
D3
D2
D1
D0
Default
Chip_en
000h
R/W
Reserved
Chip_EN
00h
Dev_initial
001h
R/W
Reserved
Data_Ref_Mode
PWM_Fre
5Eh
Dev_config1
002h
R/W
Reserved
PWM_Sc
ale_Mode
PWM_Ph
ase_Shift
Reserved
00h
Dev_config2
003h
R/W
Comp_Group3
Comp_Group2
Comp_Group1
Reserved
00h
Dev_config3
004h
R/W
Reserved
Maximum_Current
Reserved
47h
www.ti.com
LP5861T
SNVSCE4 – MAY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
23
Product Folder Links: LP5861T



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com