Electronic Components Datasheet Search
  English  ▼

X  

LP5860 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # LP5860
Description  LP5861T 18-Channel High-Current LED Driver with 8-Bit Analog and 8-Bit or 16-Bit PWM Dimming
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP5860 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LP5860 Datasheet HTML 2Page - Texas Instruments LP5860 Datasheet HTML 3Page - Texas Instruments LP5860 Datasheet HTML 4Page - Texas Instruments LP5860 Datasheet HTML 5Page - Texas Instruments LP5860 Datasheet HTML 6Page - Texas Instruments LP5860 Datasheet HTML 7Page - Texas Instruments LP5860 Datasheet HTML 8Page - Texas Instruments LP5860 Datasheet HTML 9Page - Texas Instruments LP5860 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 71 page
background image
7 Specifications
7.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)(1)
MIN
MAX
UNIT
Voltage on VCC / VLED / VIO / EN / CS /
SW / SDA / SCL / SCLK / MOSI / MISO / SS /
ADDR0 / ADDR1 / VSYNC / IFS
–0.3
6
V
Voltage on VCAP
–0.3
2
V
TJ
Junction temperature
–55
150
°C
Tstg
Storage temperature
–65
150
°C
(1)
Operation outside the Absolute Maximum Ratings may cause permanent device damage. Absolute Maximum Ratings do not imply
functional operation of the device at these or any other conditions beyond those listed under Recommended Operating Conditions.
If used outside the Recommended Operating Conditions but within the Absolute Maximum Ratings, the device may not be fully
functional, and this may affect device reliability, functionality, performance, and shorten the device lifetime.
7.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001,
all pins(1)
±3000
V
Charged device model (CDM), per ANSI/ESDA/JEDEC
JS-002, all pins(2)
±1000
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
7.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
Input voltage on VCC
Supply voltage
2.7
5.5
V
Input voltage on VLED
LED supply voltage
2.7
5.5
V
Input voltage on VIO_EN
1.65
5.5
V
Voltage on SDA / SCL / SCLK / MOSI /
MISO / SS / ADDRx / VSYNC / IFS
VIO
V
TA
Operating ambient temperature
–40
85
°C
7.4 Thermal Information
THERMAL METRIC
LP5861T
UNIT
RSM (VQFN)
32 PINS
RθJA
Junction-to-ambient thermal resistance
32.9
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
29.2
°C/W
RθJB
Junction-to-board thermal resistance
12.3
°C/W
ΨJT
Junction-to-top characterization parameter
0.4
°C/W
ΨJB
Junction-to-board characterization parameter
12.3
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
3.7
°C/W
7.5 Electrical Characteristics
VCC = 3.3V, VLED = 5V, VIO = 1.8V and TA = –40°C to +85°C; Typical values are at TA = 25°C (unless otherwise specified)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Power supplies
LP5861T
SNVSCE4 – MAY 2023
www.ti.com
6
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: LP5861T



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com