Electronic Components Datasheet Search
  English  ▼

X  

LP5860 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LP5860
Description  LP5861T 18-Channel High-Current LED Driver with 8-Bit Analog and 8-Bit or 16-Bit PWM Dimming
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP5860 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LP5860 Datasheet HTML 9Page - Texas Instruments LP5860 Datasheet HTML 10Page - Texas Instruments LP5860 Datasheet HTML 11Page - Texas Instruments LP5860 Datasheet HTML 12Page - Texas Instruments LP5860 Datasheet HTML 13Page - Texas Instruments LP5860 Datasheet HTML 14Page - Texas Instruments LP5860 Datasheet HTML 15Page - Texas Instruments LP5860 Datasheet HTML 16Page - Texas Instruments LP5860 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 71 page
background image
The LP5861T can individually adjust the output current of each LED by using dot current function through DC
setting. The device allows the brightness deviations of the LEDs to adjusted be individually. Each output DC is
programmed with a 8-bit depth, so the value can be adjusted with 256 steps within the range from 0% to 100%
of (IOUT_MAX × CC/127).
Table 8-3. Individual 8-bit Dot Current (DC) Setting
8-BIT DC REGISTER
RATIO OF OUTPUT CURRENT TO IOUT_MAX × CC/127
Binary
Decimal
%
0000 0000
0
0
0000 0001
1
0.39
0000 0010
2
0.78
- - -
- - -
- - -
1000 0000 (default)
128 (default)
50.2 (default)
- - -
- - -
- - -
1111 1101
253
99.2
1111 1110
254
99.6
1111 1111
255
100
In summary, the current gain of each current sink can be calculated as below:
IOUT (mA) = IOUT_MAX × (CC/127) × (DC/255)
(1)
8.3.2 PWM Dimming
There are several methods to control the PWM duty cycle of each LED dot.
• Individual 8-bit / 16-bit PWM for Each LED Dot
Every LED has an individual 8-bit or 16-bit PWM register that is used to change the LED brightness by PWM
duty. The LP5861T uses an enhanced spectrum PWM (ES-PWM) algorithm to achieve 16-bit depth with high
refresh rate and this can avoid flicker under high speed camera. Comparing with conventional 8-bit PWM,
16-bit PWM can help to achieve ultimate high dimming resolution in LED animation applications.
• 3 Programmable Groups of 8-bit PWM Dimming
The group PWM Control is used to select LEDs into one to three groups where each group has a separate
register for duty cycle control. Every LED has 2-bit selection in LED_DOT_GROUP Registers (x = 0, 1, … , 4)
to select whether the LED dot belongs to one of the three groups or not:
– 00: not a member of any group
– 01: member of group 1
– 10: member of group 2
– 11: member of group 3
• 8-bit PWM for Global Dimming
The Global PWM Control function affects all LEDs simultaneously.
The final PWM duty cycle can be calculated as below:
PWM_Final(8 bit) = PWM_Individual(8 bit) × PWM_Group(8 bit) × PWM_Global(8 bit)
(2)
PWM_Final(16 bit) = PWM_Individual(16 bit) × PWM_Group(8 bit) × PWM_Global(8 bit)
(3)
The LP5861T supports 125-kHz or 62.5-kHz PWM output frequency. The PWM frequency is selected by
configuring the 'PWM_Fre' in Dev_initial register. An internal 32-MHz oscillator is used for generating PWM
outputs. The oscillator’s high accuracy design (ƒOSC_ERR ≤ ± 2%) enables a better synchronization if multiple
LP5861T devices are connected together.
www.ti.com
LP5861T
SNVSCE4 – MAY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: LP5861T



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com